Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP2G240GT Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza 74AUP2G240GT
Descripción Electrónicos  Low-power dual inverting buffer/line driver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G240GT Datasheet(HTML) 3 Page - NXP Semiconductors

  74AUP2G240GT Datasheet HTML 1Page - NXP Semiconductors 74AUP2G240GT Datasheet HTML 2Page - NXP Semiconductors 74AUP2G240GT Datasheet HTML 3Page - NXP Semiconductors 74AUP2G240GT Datasheet HTML 4Page - NXP Semiconductors 74AUP2G240GT Datasheet HTML 5Page - NXP Semiconductors 74AUP2G240GT Datasheet HTML 6Page - NXP Semiconductors 74AUP2G240GT Datasheet HTML 7Page - NXP Semiconductors 74AUP2G240GT Datasheet HTML 8Page - NXP Semiconductors 74AUP2G240GT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
74AUP2G240_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 30 June 2009
3 of 20
NXP Semiconductors
74AUP2G240
Low-power dual inverting buffer/line driver; 3-state
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 3.
Pin configuration SOT765-1 (VSSOP8)
Fig 4.
Pin configuration SOT833-1 (XSON8)
74AUP2G240
1OE
VCC
1A
2OE
2Y
1Y
GND
2A
001aaf407
1
2
3
4
6
5
8
7
74AUP2G240
1Y
2OE
VCC
2A
2Y
1A
1OE
GND
001aaf408
36
27
18
45
Transparent top view
Fig 5.
Pin configuration SOT996-2 (XSON8U)
Fig 6.
Pin configuration SOT902-1 (XQFN8U)
001aaj919
74AUP2G240
Transparent top view
8
7
6
5
1
2
3
4
1OE
1A
2Y
GND
VCC
2OE
1Y
2A
001aaf409
1A
1Y
1OE
2Y
2OE
2A
Transparent top view
3
6
1
5
7
2
terminal 1
index area
74AUP2G240
Table 3.
Pin description
Symbol
Pin
Description
SOT765-1, SOT833-1 and SOT996-2
SOT902-1
1OE, 2OE
1, 7
7, 1
output enable input (active LOW)
1A, 2A
2, 5
6, 3
data input
GND
4
4
ground (0 V)
1Y, 2Y
6, 3
2, 5
data output
VCC
8
8
supply voltage


Número de pieza similar - 74AUP2G240GT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AUP2G240GT NEXPERIA-74AUP2G240GT Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
More results

Descripción similar - 74AUP2G240GT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP2G240 PHILIPS-74AUP2G240_15 Datasheet
298Kb / 25P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 8-24 January 2013
logo
Nexperia B.V. All right...
74AUP2G240 NEXPERIA-74AUP2G240 Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
logo
NXP Semiconductors
74AUP1G240 PHILIPS-74AUP1G240 Datasheet
99Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
74AUP1G240 NXP-74AUP1G240 Datasheet
107Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
74AUP1G240 PHILIPS-74AUP1G240_15 Datasheet
371Kb / 23P
   Low-power inverting buffer/line driver; 3-state
Rev. 4-29 June 2012
logo
Nexperia B.V. All right...
74AUP1G240 NEXPERIA-74AUP1G240 Datasheet
296Kb / 20P
   Low-power inverting buffer/line driver; 3-state
Rev. 7 - 20 January 2022
logo
NXP Semiconductors
74LVC2G240 NXP-74LVC2G240 Datasheet
101Kb / 16P
   Dual inverting buffer/line driver; 3-state
Rev. 04-29 February 2008
logo
Nexperia B.V. All right...
74LVC2G240-Q100 NEXPERIA-74LVC2G240-Q100 Datasheet
213Kb / 13P
   Dual inverting buffer/line driver; 3-state
74LVC2G240 NEXPERIA-74LVC2G240 Datasheet
284Kb / 17P
   Dual inverting buffer/line driver; 3-state
Rev. 12 - 1 June 2023
logo
NXP Semiconductors
74AHC240 NXP-74AHC240 Datasheet
478Kb / 16P
   Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com