Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DL4751A Datasheet(PDF) 3 Page - Diotech Company.

No. de pieza DL4751A
Descripción Electrónicos  1W EPITAXIAL ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOTECH [Diotech Company.]
Página de inicio  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

DL4751A Datasheet(HTML) 3 Page - Diotech Company.

  DL4751A Datasheet HTML 1Page - Diotech Company. DL4751A Datasheet HTML 2Page - Diotech Company. DL4751A Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES
DL4728A THRU DL4764A
FIG.1 -- BREAKDOWN CHARACTERISTICS
FIG.2 -- ADMISSIBLE POWER DISSIPATION VERSUS AMBIENT TEMPERATURE
50
0
0.2
0.4
0.6
0.8
1.0
100
150
200
250
AMBIENT TEMPERATURE, C
O
Vz (V)
5
10
15
20
25
0
20
40
60
80
100
30


Número de pieza similar - DL4751A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rectron Semiconductor
DL4751A RECTRON-DL4751A Datasheet
24Kb / 2P
   Surface Mount M.E.L.F ZENER DIODE
logo
Rugao Dachang Electroni...
DL4751A DACHANG-DL4751A Datasheet
119Kb / 2P
   Low reverse leakage
logo
Shanghai Leiditech Elec...
DL4751A LEIDITECH-DL4751A Datasheet
688Kb / 4P
   Surface mount zener diodes zener voltag 3.3-100V 1.0Watt Power Dissipation
logo
Dc Components
DL4751A DCCOM-DL4751A Datasheet
188Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
logo
SeCoS Halbleitertechnol...
DL4751A SECOS-DL4751A Datasheet
147Kb / 3P
   1W , MELF Surface Mount Zener Diodes
More results

Descripción similar - DL4751A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotech Company.
1N4728A DIOTECH-1N4728A Datasheet
856Kb / 3P
   1W EPITAXIAL ZENER DIODE
ZM4728A DIOTECH-ZM4728A Datasheet
901Kb / 3P
   1W EPITAXIAL ZENER DIODE
1N4729A DIOTECH-1N4729A Datasheet
946Kb / 3P
   1W EPITAXIAL ZENER DIODE
logo
Jinan Gude Electronic D...
1N4728A JGD-1N4728A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
DIYI Electronic Technol...
1SMA4728A DYELEC-1SMA4728A Datasheet
107Kb / 1P
   ZENER DIODE 1W
logo
List of Unclassifed Man...
1N4728A ETC-1N4728A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
Zibo Seno Electronic En...
ZM4728 ZSELEC-ZM4728 Datasheet
194Kb / 3P
   1W SURFACE MOUNT ZENER DIODE
logo
Shenzhen Taychipst Elec...
1N5221B TAYCHIPST-1N5221B Datasheet
4Mb / 2P
   EPITAXIAL ZENER DIODE
logo
NEC
RD4.7P NEC-RD4.7P Datasheet
258Kb / 6P
   1W POWER MINI MOLD ZENER DIODE
logo
Diotech Company.
SMA4728A DIOTECH-SMA4728A Datasheet
657Kb / 2P
   1W SURFACE MOUNT SILICON ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com