Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SN-D12B Datasheet(PDF) 8 Page - Fujitsu Component Limited.

No. de pieza SN-D12B
Descripción Electrónicos  SOLID STATE RELAY (I/O Module) MAXIMUM LOAD CURRENT 1 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJITSU [Fujitsu Component Limited.]
Página de inicio  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

SN-D12B Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button SN-D12B Datasheet HTML 2Page - Fujitsu Component Limited. SN-D12B Datasheet HTML 3Page - Fujitsu Component Limited. SN-D12B Datasheet HTML 4Page - Fujitsu Component Limited. SN-D12B Datasheet HTML 5Page - Fujitsu Component Limited. SN-D12B Datasheet HTML 6Page - Fujitsu Component Limited. SN-D12B Datasheet HTML 7Page - Fujitsu Component Limited. SN-D12B Datasheet HTML 8Page - Fujitsu Component Limited. SN-D12B Datasheet HTML 9Page - Fujitsu Component Limited. SN-D12B Datasheet HTML 10Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
SN SERIES
n
Socket Dimensions
n
NOTES
1.Polarityofterminalsispre-determined.Pleasedesignyourcircuitaccordingly.
2.Socketorderingcode:JL-5N
3.StandardICsocketisnotrecommended.Pleaseusesocket“JL-5N”.
4.WhenswitchinginductiveloadbyACoutputmodulewithoutvaristor,pleaseconnectavaristorasshownin
drawingbelow.
5.ACinputmodulehasinsidelogicIC.Pleaseconnectbypasscondenser(approx.0.01µ)atpivotalpoints
betweenVDDandGND.(ConformtogeneralhandlinginstructionsforlogicIC.)
n
Socket PC board
mounting
hole layout
Unit:mm


Número de pieza similar - SN-D12B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
M-System Co.,Ltd.
M-System Co.,Ltd.
SN-2A6 MSYSTEM-SN-2A6 Datasheet
106Kb / 3P
   Plug-in Signal Conditioners M-UNIT
SN-2A6/CE MSYSTEM-SN-2A6/CE Datasheet
106Kb / 3P
   Plug-in Signal Conditioners M-UNIT
SN-2A6/Q MSYSTEM-SN-2A6/Q Datasheet
106Kb / 3P
   Plug-in Signal Conditioners M-UNIT
SN-2AA MSYSTEM-SN-2AA Datasheet
106Kb / 3P
   Plug-in Signal Conditioners M-UNIT
SN-2AA/CE MSYSTEM-SN-2AA/CE Datasheet
106Kb / 3P
   Plug-in Signal Conditioners M-UNIT
More results

Descripción similar - SN-D12B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Fujitsu Component Limited.
Fujitsu Component Limit...
SJ-12D01HZRN FUJITSU-SJ-12D01HZRN Datasheet
378Kb / 7P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A
FTR-SL FUJITSU-FTR-SL Datasheet
393Kb / 6P
   SOLID STATE RELAY 1 Maximum Load current 1A
SG-12A03CVL FUJITSU-SG-12A03CVL Datasheet
390Kb / 6P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 3 A
SE-12A02VF FUJITSU-SE-12A02VF Datasheet
419Kb / 6P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 1.5 A / 2A
Vishay Siliconix
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
Solid State Optronic
Solid State Optronic
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
Vishay Siliconix
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com