Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC2G66DP Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza 74HC2G66DP
Descripción Electrónicos  Dual single-pole single-throw analog switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G66DP Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC2G66DP Datasheet HTML 1Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 2Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 3Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 4Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 5Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 6Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 7Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 8Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
74HC_HCT2G66_6
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 2 April 2010
5 of 21
NXP Semiconductors
74HC2G66; 74HCT2G66
Dual single-pole single-throw analog switch
[1]
Typical values are measured at Tamb = 25 °C.
10.1 Test circuits
CI
input capacitance
-
3.5
-
-
-
pF
CPD
power dissipation
capacitance
-9-
-
-
pF
CS(ON)
ON-state capacitance
-
8
-
-
-
pF
74HCT2G66
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
V
II
input leakage current
nE; VI =VCC or GND; VCC =5.5 V
-
-
±1.0
-
±1.0
μA
IS(OFF)
OFF-state
leakage current
nY or nZ; VCC = 5.5 V; see Figure 5
-
0.1
1.0
-
1.0
μA
IS(ON)
ON-state
leakage current
nY or nZ; VCC = 5.5 V; see Figure 6
-
0.1
1.0
-
1.0
μA
ICC
supply current
nE, nY and nZ = VCC or GND;
VCC = 4.5 V to 5.5 V
--
10
-
20
μA
ΔI
CC
additional supply
current
nE = VCC − 2.1 V; IO =0 A;
VCC = 4.5 V to 5.5 V;
-
-
375
-
410
μA
CI
input capacitance
-
3.5
-
-
-
pF
CPD
power dissipation
capacitance
-9-
-
-
pF
CS(ON)
ON-state capacitance
-
8
-
-
-
pF
Table 7.
Static characteristics …continued
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
VI = VCC or GND and VO = GND or VCC.VI = VCC or GND and VO = open circuit.
Fig 5.
Test circuit for measuring OFF-state
leakage current
Fig 6.
Test circuit for measuring ON-state
leakage current
001aaj465
IS
IS
VI
VIL
VO
VCC
GND
nZ
nY
nE
001aaj466
IS
VI
VIH
VO
VCC
GND
nZ
nY
nE


Número de pieza similar - 74HC2G66DP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC2G66DP PHILIPS-74HC2G66DP Datasheet
130Kb / 20P
   Bilateral switches
2004 May 19
74HC2G66DP NXP-74HC2G66DP Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
logo
Nexperia B.V. All right...
74HC2G66DP NEXPERIA-74HC2G66DP Datasheet
288Kb / 19P
   Dual single-pole single-throw analog switch
Rev. 11 - 6 November 2018
74HC2G66DP-Q100 NEXPERIA-74HC2G66DP-Q100 Datasheet
274Kb / 17P
   Dual single-pole single-throw analog switch
74HC2G66DP-Q100 NEXPERIA-74HC2G66DP-Q100 Datasheet
273Kb / 17P
   Dual single-pole single-throw analog switch
Rev. 2 - 6 November 2018
More results

Descripción similar - 74HC2G66DP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74HCT2G66 NEXPERIA-74HCT2G66 Datasheet
288Kb / 19P
   Dual single-pole single-throw analog switch
Rev. 11 - 6 November 2018
74HCT2G66-Q100 NEXPERIA-74HCT2G66-Q100 Datasheet
273Kb / 17P
   Dual single-pole single-throw analog switch
Rev. 2 - 6 November 2018
logo
NXP Semiconductors
74HC2G66GT NXP-74HC2G66GT Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
74HC_HCT2G66 PHILIPS-74HC_HCT2G66_15 Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
logo
Nexperia B.V. All right...
74HC2G66-Q100 NEXPERIA-74HC2G66-Q100 Datasheet
274Kb / 17P
   Dual single-pole single-throw analog switch
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com