Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HCT3G06 Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza 74HCT3G06
Descripción Electrónicos  Triple inverter with open-drain outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT3G06 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HCT3G06 Datasheet HTML 4Page - NXP Semiconductors 74HCT3G06 Datasheet HTML 5Page - NXP Semiconductors 74HCT3G06 Datasheet HTML 6Page - NXP Semiconductors 74HCT3G06 Datasheet HTML 7Page - NXP Semiconductors 74HCT3G06 Datasheet HTML 8Page - NXP Semiconductors 74HCT3G06 Datasheet HTML 9Page - NXP Semiconductors 74HCT3G06 Datasheet HTML 10Page - NXP Semiconductors 74HCT3G06 Datasheet HTML 11Page - NXP Semiconductors 74HCT3G06 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
74HC_HCT3G06_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 11 May 2009
8 of 13
NXP Semiconductors
74HC3G06; 74HCT3G06
Triple inverter with open-drain outputs
13. Package outline
Fig 8.
Package outline SOT505-2 (TSSOP8)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(1)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.00
0.95
0.75
0.38
0.22
0.18
0.08
3.1
2.9
3.1
2.9
0.65
4.1
3.9
0.70
0.35
8
°
0
°
0.13
0.1
0.2
0.5
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
0.47
0.33
SOT505-2
- - -
02-01-16
w M
bp
D
Z
e
0.25
14
8
5
θ
A2
A1
Lp
(A3)
detail X
A
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
TSSOP8: plastic thin shrink small outline package; 8 leads; body width 3 mm; lead length 0.5 mm
SOT505-2
1.1
pin 1 index


Número de pieza similar - 74HCT3G06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HCT3G06 PHILIPS-74HCT3G06 Datasheet
88Kb / 14P
   Inverter with open-drain outputs
2003 Dec 02
logo
Nexperia B.V. All right...
74HCT3G06 NEXPERIA-74HCT3G06 Datasheet
194Kb / 10P
   Triple inverter with open-drain outputs
Rev. 5 - 1 May 2019
logo
NXP Semiconductors
74HCT3G06DC PHILIPS-74HCT3G06DC Datasheet
88Kb / 14P
   Inverter with open-drain outputs
2003 Dec 02
logo
Nexperia B.V. All right...
74HCT3G06DC NEXPERIA-74HCT3G06DC Datasheet
194Kb / 10P
   Triple inverter with open-drain outputs
Rev. 5 - 1 May 2019
logo
NXP Semiconductors
74HCT3G06DP PHILIPS-74HCT3G06DP Datasheet
88Kb / 14P
   Inverter with open-drain outputs
2003 Dec 02
More results

Descripción similar - 74HCT3G06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06 Datasheet
88Kb / 8P
   Triple Inverter with Open Drain Outputs
August, 2003 ??Rev. 2
NL37WZ06 ONSEMI-NL37WZ06_V01 Datasheet
162Kb / 11P
   Triple Inverter with Open Drain Outputs
June, 2022 - Rev. 10
logo
NXP Semiconductors
74HC_HCT3G06 PHILIPS-74HC_HCT3G06_15 Datasheet
182Kb / 14P
   Triple inverter with open-drain outputs
Rev. 4-19 December 2013
logo
Diodes Incorporated
74LVC3G06 DIODES-74LVC3G06 Datasheet
546Kb / 8P
   TRIPLE INVERTER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 1 - 2
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06_12 Datasheet
107Kb / 5P
   Triple Inverter with Open Drain Outputs
April, 2012 ??Rev. 6
logo
Nexperia B.V. All right...
74HCT3G06 NEXPERIA-74HCT3G06 Datasheet
194Kb / 10P
   Triple inverter with open-drain outputs
Rev. 5 - 1 May 2019
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06_06 Datasheet
74Kb / 5P
   Triple Inverter with Open Drain Outputs
April, 2006 ??Rev. 4
logo
Texas Instruments
SN74LVC3G06 TI1-SN74LVC3G06_16 Datasheet
844Kb / 16P
[Old version datasheet]   Triple Inverter Buffer/Driver With Open-Drain Outputs
SN74LVC3G06 TI1-SN74LVC3G06_17 Datasheet
937Kb / 18P
[Old version datasheet]   Triple Inverter Buffer/Driver With Open-Drain Outputs
SN74LVC3G06 TI-SN74LVC3G06 Datasheet
319Kb / 12P
[Old version datasheet]   TRIPLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com