Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HCT257N Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza 74HCT257N
Descripción Electrónicos  Quad 2-input multiplexer; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT257N Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT257N Datasheet HTML 5Page - NXP Semiconductors 74HCT257N Datasheet HTML 6Page - NXP Semiconductors 74HCT257N Datasheet HTML 7Page - NXP Semiconductors 74HCT257N Datasheet HTML 8Page - NXP Semiconductors 74HCT257N Datasheet HTML 9Page - NXP Semiconductors 74HCT257N Datasheet HTML 10Page - NXP Semiconductors 74HCT257N Datasheet HTML 11Page - NXP Semiconductors 74HCT257N Datasheet HTML 12Page - NXP Semiconductors 74HCT257N Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
74HC_HCT257_5
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 13 January 2010
9 of 17
NXP Semiconductors
74HC257; 74HCT257
Quad 2-input multiplexer; 3-state
11. Waveforms
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
Propagation delays input (S, nI0, nI1) to output (nY) and output (nY) transition times
001aad477
tPLH
tPHL
VM
VM
90 %
10 %
VM
VM
output
nY
input
S, nI0, nI1
VI
GND
VOH
VOL
tTLH
tTHL
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 7.
3-state output enable and disable times
001aac479
tPLZ
tPHZ
outputs
disabled
outputs
enabled
90 %
10 %
outputs
enabled
OE input
VI
VCC
VOL
VOH
GND
GND
VM
tPZL
tPZH
VM
VM
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
tr
tf
90 %
10 %
Table 8.
Measurement points
Type
Input
Output
VM
VM
74HC257
0.5VCC
0.5VCC
74HCT257
1.3 V
1.3 V


Número de pieza similar - 74HCT257N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HCT257N PHILIPS-74HCT257N Datasheet
80Kb / 13P
   Quad 2-input multiplexer 3-state
1998 Sep 30
More results

Descripción similar - 74HCT257N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC257 PHILIPS-74HC257 Datasheet
80Kb / 13P
   Quad 2-input multiplexer 3-state
1998 Sep 30
74AHC257 PHILIPS-74AHC257 Datasheet
97Kb / 20P
   Quad 2-input multiplexer; 3-state
2000 Apr 03
logo
Nexperia B.V. All right...
74AHCT257 NEXPERIA-74AHCT257 Datasheet
601Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
logo
NXP Semiconductors
74LV257 PHILIPS-74LV257 Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74HC_HCT257 PHILIPS-74HC_HCT257_15 Datasheet
195Kb / 18P
   Quad 2-input multiplexer; 3-state
Rev. 6-26 January 2015
74AHC_AHCT257 PHILIPS-74AHC_AHCT257_15 Datasheet
99Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02-9 May 2008
logo
Nexperia B.V. All right...
74HC257-Q100 NEXPERIA-74HC257-Q100 Datasheet
1Mb / 16P
   Quad 2-input multiplexer; 3-state
74AHC257-Q100 NEXPERIA-74AHC257-Q100 Datasheet
706Kb / 17P
   Quad 2-input multiplexer; 3-state
74HCT257 NEXPERIA-74HCT257 Datasheet
249Kb / 15P
   Quad 2-input multiplexer; 3-state
Rev. 8 - 9 February 2021
logo
NXP Semiconductors
74AHC257 NXP-74AHC257_08 Datasheet
99Kb / 16P
   Quad 2-input multiplexer 3-state
Rev. 02-9 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com