Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC299PW Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza 74HC299PW
Descripción Electrónicos  8-bit universal shift register; 3-state
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC299PW Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC299PW Datasheet HTML 1Page - NXP Semiconductors 74HC299PW Datasheet HTML 2Page - NXP Semiconductors 74HC299PW Datasheet HTML 3Page - NXP Semiconductors 74HC299PW Datasheet HTML 4Page - NXP Semiconductors 74HC299PW Datasheet HTML 5Page - NXP Semiconductors 74HC299PW Datasheet HTML 6Page - NXP Semiconductors 74HC299PW Datasheet HTML 7Page - NXP Semiconductors 74HC299PW Datasheet HTML 8Page - NXP Semiconductors 74HC299PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
74HC_HCT299_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 28 July 2008
5 of 24
NXP Semiconductors
74HC299; 74HCT299
8-bit universal shift register; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 5.
Pin configuration (SO20 and (T)SSOP20)
Fig 6.
Pin configuration (DIP20)
74HC299
74HCT299
S0
VCC
OE1
S1
OE2
DSL
I/O6
Q7
I/O4
I/O7
I/O2
I/O5
I/O0
I/O3
Q0
I/O1
MR
CP
GND
DSR
001aai511
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
74HC299
74HCT299
S0
VCC
OE1
S1
OE2
DSL
I/O6
Q7
I/O4
I/O7
I/O2
I/O5
I/O0
I/O3
Q0
I/O1
MR
CP
GND
DSR
001aai457
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
Table 2.
Pin description
Symbol
Pin
Description
S0
1
mode select input
OE1
2
3-state output enable input (active LOW)
OE2
3
3-state output enable input (active LOW)
I/O6
4
parallel data input or 3-state parallel output (bus driver)
I/O4
5
parallel data input or 3-state parallel output (bus driver)
I/O2
6
parallel data input or 3-state parallel output (bus driver)
I/O0
7
parallel data input or 3-state parallel output (bus driver)
Q0
8
serial output (standard output)
MR
9
asynchronous master reset input (active LOW)
GND
10
ground (0 V)
DSR
11
serial data shift-right input
CP
12
clock input (LOW to HIGH, edge-triggered)
I/O1
13
parallel data input or 3-state parallel output (bus driver)
I/O3
14
parallel data input or 3-state parallel output (bus driver)
I/O5
15
parallel data input or 3-state parallel output (bus driver)
I/O7
16
parallel data input or 3-state parallel output (bus driver)
Q7
17
serial output (standard output)


Número de pieza similar - 74HC299PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC299PW PHILIPS-74HC299PW Datasheet
85Kb / 11P
   8-bit universal shift register; 3-state
December 1990
More results

Descripción similar - 74HC299PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74HC299-Q100 NEXPERIA-74HC299-Q100 Datasheet
254Kb / 15P
   8-bit universal shift register; 3-state
Rev. 1 - 2 March 2020
logo
NXP Semiconductors
74HC299 PHILIPS-74HC299 Datasheet
85Kb / 11P
   8-bit universal shift register; 3-state
December 1990
74HC_HCT299 PHILIPS-74HC_HCT299_15 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Nexperia B.V. All right...
74HC299 NEXPERIA-74HC299 Datasheet
269Kb / 15P
   8-bit universal shift register; 3-state
Rev. 6 - 11 May 2021
logo
NXP Semiconductors
74F299 PHILIPS-74F299 Datasheet
120Kb / 14P
   8-bit universal shift/storage register 3-State
1990 Mar 01
logo
Fairchild Semiconductor
DM74S299 FAIRCHILD-DM74S299 Datasheet
58Kb / 5P
   3-STATE 8-Bit Universal Shift/Storage Register
logo
SHENZHEN FUMAN ELECTRON...
74HC595D FUMAN-74HC595D Datasheet
523Kb / 8P
   3-state 8-bit shift register
logo
Hitachi Semiconductor
HD74HC323 HITACHI-HD74HC323 Datasheet
68Kb / 10P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
HD74HC299 HITACHI-HD74HC299 Datasheet
81Kb / 11P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
logo
Renesas Technology Corp
HD74HC323 RENESAS-HD74HC323 Datasheet
95Kb / 6P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com