Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC4067 Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza 74HC4067
Descripción Electrónicos  16-channel analog multiplexer/demultiplexer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4067 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC4067 Datasheet HTML 6Page - NXP Semiconductors 74HC4067 Datasheet HTML 7Page - NXP Semiconductors 74HC4067 Datasheet HTML 8Page - NXP Semiconductors 74HC4067 Datasheet HTML 9Page - NXP Semiconductors 74HC4067 Datasheet HTML 10Page - NXP Semiconductors 74HC4067 Datasheet HTML 11Page - NXP Semiconductors 74HC4067 Datasheet HTML 12Page - NXP Semiconductors 74HC4067 Datasheet HTML 13Page - NXP Semiconductors 74HC4067 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
74HC_HCT4067_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 15 October 2007
10 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
Vis = 0 V to (VCC − GND)
Vis = 0 V to (VCC − GND)
(1) VCC = 4.5 V
(2) VCC = 6.0 V
(3) VCC = 9.0 V
Fig 8.
Test circuit for measuring RON
Fig 9.
Typical RON as a function of input voltage Vis
001aag733
VIL
Z
VCC
Yn
E
ISW
Vis
GND
VSW
Vis (V)
0
9.0
7.2
3.6
5.4
1.8
mnb047
50
70
30
90
110
10
RON
(
Ω)
(1)
(2)
(3)
R
ON
V
SW
I
SW
-----------
=
Table 7.
Static characteristics 74HC4067
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input.
Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
VIH
HIGH-level input voltage
VCC = 2.0 V
1.5
1.2
-
V
VCC = 4.5 V
3.15
2.4
-
V
VCC = 6.0 V
4.2
3.2
-
V
VCC = 9.0 V
6.3
4.7
-
V
VIL
LOW-level input voltage
VCC = 2.0 V
-
0.8
0.5
V
VCC = 4.5 V
-
2.1
1.35
V
VCC = 6.0 V
-
2.8
1.80
V
VCC = 9.0 V
-
4.3
2.70
V
II
input leakage current
VI = VCC or GND
VCC = 6.0 V
-
-
±0.1
µA
VCC = 10.0 V
-
-
±0.2
µA
IS(OFF)
OFF-state leakage current
VCC = 10.0 V; VI = VIH or VIL;
|V
SW| = VCC GND; see Figure 10
per channel
-
-
±0.1
µA
all channels
-
-
±0.8
µA
IS(ON)
ON-state leakage current
VCC = 10.0 V; VI = VIH or VIL;
|V
SW| = VCC GND; see Figure 11
--
±0.8
µA


Número de pieza similar - 74HC4067

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC4067 PHILIPS-74HC4067 Datasheet
129Kb / 15P
   16-channel analog multiplexer/demultiplexer
September 1993
74HC4067 NXP-74HC4067 Datasheet
205Kb / 30P
   16-channel analog multiplexer/demultiplexer
Rev. 5-13 December 2011
logo
Nexperia B.V. All right...
74HC4067 NEXPERIA-74HC4067 Datasheet
369Kb / 26P
   16-channel analog multiplexer/demultiplexer
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
   16-channel analog multiplexer/demultiplexer
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
351Kb / 25P
   16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
More results

Descripción similar - 74HC4067

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC4067 PHILIPS-74HC4067 Datasheet
129Kb / 15P
   16-channel analog multiplexer/demultiplexer
September 1993
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
   16-channel analog multiplexer/demultiplexer
1998 Jun 23
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
   16-channel analog multiplexer/demultiplexer
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
   16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
logo
NXP Semiconductors
74HCT4067DB NXP-74HCT4067DB Datasheet
205Kb / 30P
   16-channel analog multiplexer/demultiplexer
Rev. 5-13 December 2011
74HC_HCT4067 PHILIPS-74HC_HCT4067_15 Datasheet
294Kb / 28P
   16-channel analog multiplexer/demultiplexer
Rev. 6-22 May 2015
logo
Nexperia B.V. All right...
HEF4067B-Q100 NEXPERIA-HEF4067B-Q100 Datasheet
786Kb / 17P
   16-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com