Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC4067N Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza 74HC4067N
Descripción Electrónicos  16-channel analog multiplexer/demultiplexer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4067N Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC4067N Datasheet HTML 2Page - NXP Semiconductors 74HC4067N Datasheet HTML 3Page - NXP Semiconductors 74HC4067N Datasheet HTML 4Page - NXP Semiconductors 74HC4067N Datasheet HTML 5Page - NXP Semiconductors 74HC4067N Datasheet HTML 6Page - NXP Semiconductors 74HC4067N Datasheet HTML 7Page - NXP Semiconductors 74HC4067N Datasheet HTML 8Page - NXP Semiconductors 74HC4067N Datasheet HTML 9Page - NXP Semiconductors 74HC4067N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
74HC_HCT4067_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 15 October 2007
6 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
6.
Pinning information
6.1 Pinning
6.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as
supply pin or input.
Fig 6.
Pin configuration for DIP24, SO24, SSOP24 and
TSSOP24
Fig 7.
Pin configuration for DHVQFN24
74HC4067
74HCT4067
ZVCC
Y7
Y8
Y6
Y9
Y5
Y10
Y4
Y11
Y3
Y12
Y2
Y13
Y1
Y14
Y0
Y15
S0
E
S1
S2
GND
S3
001aag730
1
2
3
4
5
6
7
8
9
10
11
12
14
13
16
15
18
17
20
19
22
21
24
23
001aag731
74HC4067
74HCT4067
Transparent top view
S2
S0
S1
E
Y0
Y15
Y1
Y14
Y2
Y13
Y3
Y12
Y4
Y11
Y5
Y10
Y6
Y9
Y7
Y8
11
14
10
15
9
16
8
17
7
18
6
19
5
20
4
21
3
22
2
23
terminal 1
index area
VCC(1)
Table 2.
Pin description
Symbol
Pin
Description
Z
1
common input/output
Y7
2
independent input/output 7
Y6
3
independent input/output 6
Y5
4
independent input/output 5
Y4
5
independent input/output 4
Y3
6
independent input/output 3
Y2
7
independent input/output 2
Y1
8
independent input/output 1
Y0
9
independent input/output 0
S0
10
address input 0
S1
11
address input 1
GND
12
ground (0 V)
S3
13
address input 3
S2
14
address input 2


Número de pieza similar - 74HC4067N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC4067N NXP-74HC4067N Datasheet
205Kb / 30P
   16-channel analog multiplexer/demultiplexer
Rev. 5-13 December 2011
More results

Descripción similar - 74HC4067N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC4067 PHILIPS-74HC4067 Datasheet
129Kb / 15P
   16-channel analog multiplexer/demultiplexer
September 1993
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
   16-channel analog multiplexer/demultiplexer
1998 Jun 23
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
   16-channel analog multiplexer/demultiplexer
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
   16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
logo
NXP Semiconductors
74HCT4067DB NXP-74HCT4067DB Datasheet
205Kb / 30P
   16-channel analog multiplexer/demultiplexer
Rev. 5-13 December 2011
74HC_HCT4067 PHILIPS-74HC_HCT4067_15 Datasheet
294Kb / 28P
   16-channel analog multiplexer/demultiplexer
Rev. 6-22 May 2015
logo
Nexperia B.V. All right...
HEF4067B-Q100 NEXPERIA-HEF4067B-Q100 Datasheet
786Kb / 17P
   16-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com