Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC2GU04 Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza 74HC2GU04
Descripción Electrónicos  Dual unbuffered inverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2GU04 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC2GU04 Datasheet HTML 5Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 6Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 7Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 8Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 9Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 10Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 11Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 12Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
74HC2GU04_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 6 October 2006
9 of 15
NXP Semiconductors
74HC2GU04
Dual unbuffered inverter
15. Application information
Some applications for the 74HC2GU04 are:
Linear amplifier (see Figure 12)
Crystal oscillator (see Figure 13).
Remark: All values given are typical values unless otherwise specified.
VCC = 6.0 V; IO = 0 A.
Fig 11. Typical transfer characteristics VCC = 6.0 V
VI (V)
ICC
(mA)
VO
(V)
0246
20
12
16
4
0
6
3
0
8
mnb123
ZL >10kΩ.
R1
≥ 3kΩ.
R2
≤ 1MΩ.
Open loop amplification: AOL = 20.
Voltage amplification:
.
Vo(p-p) =VCC − 1.5 V centered at 0.5 × VCC.
Unity gain bandwidth product is 5 MHz.
Fig 12. Linear amplifier application
U04
R1
R2
VCC
ZL
mna052
1
µF
A
V
A
OL
1
R1
R2
------- 1A
OL
+
()
+
-----------------------------------------
=


Número de pieza similar - 74HC2GU04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC2GU04 PHILIPS-74HC2GU04 Datasheet
169Kb / 16P
   Dual unbuffered inverter
Rev. 2-20 August 2014
logo
Nexperia B.V. All right...
74HC2GU04 NEXPERIA-74HC2GU04 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
74HC2GU04-Q100 NEXPERIA-74HC2GU04-Q100 Datasheet
760Kb / 16P
   Dual unbuffered inverter
74HC2GU04GV NEXPERIA-74HC2GU04GV Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
74HC2GU04GV-Q100 NEXPERIA-74HC2GU04GV-Q100 Datasheet
760Kb / 16P
   Dual unbuffered inverter
More results

Descripción similar - 74HC2GU04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NLX2GU04 ONSEMI-NLX2GU04 Datasheet
92Kb / 8P
   Dual Unbuffered Inverter
March, 2008 - Rev. 0
logo
Nexperia B.V. All right...
74LVC2GU04 NEXPERIA-74LVC2GU04 Datasheet
252Kb / 15P
   Dual unbuffered inverter
Rev. 13 - 20 January 2022
74HC2GU04_Q100 NEXPERIA-74HC2GU04_Q100 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
74HC2GU04-Q100 NEXPERIA-74HC2GU04-Q100 Datasheet
760Kb / 16P
   Dual unbuffered inverter
logo
NXP Semiconductors
74HC2GU04 PHILIPS-74HC2GU04_15 Datasheet
169Kb / 16P
   Dual unbuffered inverter
Rev. 2-20 August 2014
logo
ON Semiconductor
NLU2GU04 ONSEMI-NLU2GU04 Datasheet
145Kb / 8P
   Dual Unbuffered Inverter
August, 2009 ??Rev. 3
logo
Nexperia B.V. All right...
74LVC2GU04-Q100 NEXPERIA-74LVC2GU04-Q100 Datasheet
226Kb / 13P
   Dual unbuffered inverter
74HC2GU04 NEXPERIA-74HC2GU04 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
logo
ON Semiconductor
NLU2GU04 ONSEMI-NLU2GU04_16 Datasheet
76Kb / 8P
   Dual Unbuffered Inverter
July, 2016 ??Rev. 5
NL27WZU04 ONSEMI-NL27WZU04_12 Datasheet
122Kb / 6P
   Dual Unbuffered Inverter
June, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com