Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS63021DSJR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS63021DSJR
Descripción  HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
Descarga  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS63021DSJR Datasheet(HTML) 11 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
V
= 4.2 V, I
= 500 mA to 1500 mA
IN
OUT
Time 2 ms/div
TPS63021
Output Voltage
50 mV/div, AC
Output Current
500 mA/div, DC
V
= 3.0 V to 3.7 V, I
= 1500 mA
IN
OUT
Time 2 ms/div
TPS63021
Output Voltage
50 mV/div, AC
Input Voltage
500 mV/div, AC
V
= 2.4 V, R = 2.2
IN
L
W
Time 100 s/div
m
TPS63021
Enable
2 V/div, DC
Output Voltage
1 V/div, DC
Inductor Current
1 A/div, DC
Voltage at L1
5 V/div, DC
V
= 4.2 V, R = 2.2
IN
L
W
Time 40 s/div
m
TPS63021
Enable
2 V/div, DC
Output Voltage
1 V/div, DC
Inductor Current
500 mA/div, DC
Voltage at L2
5 V/div, DC
TPS63020
TPS63021
www.ti.com
SLVS916 – APRIL 2010
LOAD TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
Figure 17.
Figure 18.
STARTUP AFTER ENABLE
STARTUP AFTER ENABLE
Figure 19.
Figure 20.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS63020 TPS63021


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn