Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS63002DRCTG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS63002DRCTG4
Descripción Electrónicos  HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS63002DRCTG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS63002DRCTG4 Datasheet HTML 1Page - Texas Instruments TPS63002DRCTG4 Datasheet HTML 2Page - Texas Instruments TPS63002DRCTG4 Datasheet HTML 3Page - Texas Instruments TPS63002DRCTG4 Datasheet HTML 4Page - Texas Instruments TPS63002DRCTG4 Datasheet HTML 5Page - Texas Instruments TPS63002DRCTG4 Datasheet HTML 6Page - Texas Instruments TPS63002DRCTG4 Datasheet HTML 7Page - Texas Instruments TPS63002DRCTG4 Datasheet HTML 8Page - Texas Instruments TPS63002DRCTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
_
+
_
+
Current
Sensor
Gate
Control
PGND PGND
VBAT
VOUT
Modulator
+
-
Oscillator
Device
Control
Temperature
Control
VREF
PGND
PGND
FB
VOUT
L2
L1
VIN
VINA
PS/SYNC
EN
GND
TYPICAL CHARACTERISTICS
TPS63000
TPS63001
TPS63002
www.ti.com........................................................................................................................................................... SLVS520B – MARCH 2006 – REVISED JULY 2008
FUNCTIONAL BLOCK DIAGRAM (TPS63000)
TABLE OF GRAPHS
DESCRIPTION
FIGURE
Maximum output current
vs Input voltage
1
Efficiency
vs Output current (TPS63001)
2
vs Output current (TPS63002)
3
vs Input voltage (TPS63001)
4
vs Input voltage (TPS63002)
5
Output voltage
vs Output current (TPS63001)
6
vs Output current (TPS63002)
7
Waveforms
Output voltage in continuous current mode (TPS63001, VIN > VOUT)
8
Output voltage in continuous current mode (TPS63001, VIN < VOUT)
9
Output voltage in continuous current mode (TPS63001, VIN = VOUT)
10
Output voltage in power save mode (TPS63001, VIN > VOUT)
11
Output voltage in power save mode (TPS63001, VIN < VOUT)
12
Load transient response (TPS63001, VIN > VOUT)
13
Load transient response (TPS63001, VIN < VOUT)
14
Line transient response (TPS63001, Iout = 300mA)
15
Line transient response (TPS63001, Iout = 600mA)
16
Startup after enable (TPS63000, VOUT = 2.5V)
17
Startup after enable (TPS63002)
18
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS63000 TPS63001 TPS63002


Número de pieza similar - TPS63002DRCTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS63002DRCTG4 TI-TPS63002DRCTG4 Datasheet
673Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63002DRCTG4 TI1-TPS63002DRCTG4 Datasheet
794Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
More results

Descripción similar - TPS63002DRCTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS63000 TI-TPS63000_10 Datasheet
673Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000 Datasheet
272Kb / 14P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI1-TPS63000_12 Datasheet
794Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000_15 Datasheet
1,016Kb / 25P
[Old version datasheet]   TPS6300x High-Efficient Single Inductor Buck-Boost Converter With 1.8-A Switches
TPS63010 TI-TPS63010 Datasheet
668Kb / 27P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI-TPS63010_09 Datasheet
686Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI-TPS63010_10 Datasheet
707Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT,SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI1-TPS63010_12 Datasheet
739Kb / 29P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63000-Q1 TI1-TPS63000-Q1 Datasheet
676Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCH
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com