Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVCH244APW Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74LVCH244APW
Descripción Electrónicos  Octal buffer/line driver; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVCH244APW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVCH244APW Datasheet HTML 3Page - NXP Semiconductors 74LVCH244APW Datasheet HTML 4Page - NXP Semiconductors 74LVCH244APW Datasheet HTML 5Page - NXP Semiconductors 74LVCH244APW Datasheet HTML 6Page - NXP Semiconductors 74LVCH244APW Datasheet HTML 7Page - NXP Semiconductors 74LVCH244APW Datasheet HTML 8Page - NXP Semiconductors 74LVCH244APW Datasheet HTML 9Page - NXP Semiconductors 74LVCH244APW Datasheet HTML 10Page - NXP Semiconductors 74LVCH244APW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
74LVC_LVCH244A_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 13 August 2009
7 of 18
NXP Semiconductors
74LVC244A; 74LVCH244A
Octal buffer/line driver; 3-state
[1]
All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25 °C.
[2]
The bus hold circuit is switched off when VI >VCC allowing 5.5 V on the input terminal.
[3]
For I/O ports the parameter IOZ includes the input leakage current.
[4]
Valid for data inputs of bus hold parts only (74LVCH244A). Note that control inputs do not have a bus hold circuit.
[5]
The specified sustaining current at the data input holds the input below the specified VI level.
[6]
The specified overdrive current at the data input forces the data input to the opposite input state.
10. Dynamic characteristics
CI
input capacitance
-
4.0
-
-
-
pF
IBHL
bus hold LOW
current
VCC = 3.0 V; VI = 0.8 V
[4][5]
75
-
-
60
-
µA
IBHH
bus hold HIGH
current
VCC = 3.0 V; VI = 2.0 V
[4][5]
−75
-
-
−60
-
µA
IBHLO
bus hold LOW
overdrive current
VCC = 3.6 V
[4][6]
500
-
-
500
-
µA
IBHHO
bus hold HIGH
overdrive current
VCC = 3.6 V
[4][6]
−500
-
-
−500
-
µA
Table 6.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 8.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[2]
Max
Min
Max
tpd
propagation
delay
nAn to nYn; see Figure 6
[1]
VCC = 1.2 V
-
17.0
-
-
-
ns
VCC = 2.7 V
1.5
3.3
6.9
1.5
9.0
ns
VCC = 3.0 V to 3.6 V
[3]
1.5
2.8
5.9
1.5
7.5
ns
ten
enable time
nOE to nYn; see Figure 7
[1]
VCC = 1.2 V
-
24.0
-
-
-
ns
VCC = 2.7 V
1.5
3.3
8.6
1.5
11
ns
VCC = 3.0 V to 3.6 V
[3]
1.0
3.4
7.6
1.0
9.5
ns
tdis
disable time
nOE to nYn; see Figure 7
[1]
VCC = 1.2 V
-
9.0
-
-
-
ns
VCC = 2.7 V
1.5
3.2
6.8
1.5
8.5
ns
VCC = 3.0 V to 3.6 V
[3]
1.5
2.9
5.8
1.5
7.5
ns
tsk(o)
output skew
time
[4]
-
-
1.0
-
1.5
ns


Número de pieza similar - 74LVCH244APW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVCH244APW PHILIPS-74LVCH244APW Datasheet
96Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-Statetitle
1998 May 20
74LVCH244APW PHILIPS-74LVCH244APW Datasheet
103Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
2003 Oct 30
74LVCH244APW NXP-74LVCH244APW Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74LVCH244APW NEXPERIA-74LVCH244APW Datasheet
286Kb / 17P
   Octal buffer/line driver; 3-state
Rev. 12 - 16 September 2021
74LVCH244APW-Q100 NEXPERIA-74LVCH244APW-Q100 Datasheet
259Kb / 15P
   Octal buffer/line driver; 3-state
Rev. 6 - 15 February 2021
More results

Descripción similar - 74LVCH244APW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com