Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVT245BPW Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74LVT245BPW
Descripción Electrónicos  3.3 V octal transceiver with direction pin (3-state)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVT245BPW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVT245BPW Datasheet HTML 3Page - NXP Semiconductors 74LVT245BPW Datasheet HTML 4Page - NXP Semiconductors 74LVT245BPW Datasheet HTML 5Page - NXP Semiconductors 74LVT245BPW Datasheet HTML 6Page - NXP Semiconductors 74LVT245BPW Datasheet HTML 7Page - NXP Semiconductors 74LVT245BPW Datasheet HTML 8Page - NXP Semiconductors 74LVT245BPW Datasheet HTML 9Page - NXP Semiconductors 74LVT245BPW Datasheet HTML 10Page - NXP Semiconductors 74LVT245BPW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
74LVT245B_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 8 May 2008
7 of 15
NXP Semiconductors
74LVT245B
3.3 V octal transceiver with direction pin (3-state)
[1]
Typical values are measured at Tamb =25 °C and VCC = 3.3 V
11. Waveforms
tPLZ
LOW to OFF-state propagation delay
see Figure 6
VCC = 2.7 V
-
-
5.1
ns
VCC = 3.3 V ± 0.3 V
2.2
3.4
5.0
ns
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 7.
Symbol Parameter
Conditions
−40 °C to +85 °C
Unit
Min
Typ[1]
Max
See Table 8 for measurement points.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 5.
Input (An, Bn) to output (Bn, An) propagation delays and output transition times
001aah732
VM
VM
VM
VM
VI
An, Bn input
GND
VOH
Bn, An output
VOL
tPHL
tPLH
See Table 8 for measurement points.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 6.
3-state output enable and disable times
001aah733
outputs
enabled
outputs
enabled
outputs
disabled
VM
VM
VY
VM
VX
VI
GND
3.0 V
VOL
VOH
GND
output
HIGH-to-OFF
OFF-to-HIGH
output
LOW-to-OFF
OFF-to-LOW
tPZH
tPHZ
tPZL
tPLZ
OE input


Número de pieza similar - 74LVT245BPW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVT245BPW PHILIPS-74LVT245BPW Datasheet
106Kb / 10P
   3.3V Octal transceiver with direction pin (3-State)
1999 Mar 19
logo
Nexperia B.V. All right...
74LVT245BPW NEXPERIA-74LVT245BPW Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 3 - 30 July 2021
More results

Descripción similar - 74LVT245BPW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVT245B PHILIPS-74LVT245B_15 Datasheet
111Kb / 15P
   3.3 V octal transceiver with direction pin (3-state)
Rev. 02-8 May 2008
logo
Nexperia B.V. All right...
74LVT245 NEXPERIA-74LVT245 Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 5 - 4 August 2021
logo
NXP Semiconductors
74LVT245 NXP-74LVT245 Datasheet
111Kb / 15P
   3.3 V octal transceiver with direction pin (3-state)
Rev. 03-8 May 2008
logo
Nexperia B.V. All right...
74LVT245B NEXPERIA-74LVT245B Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 3 - 30 July 2021
74LVT640 NEXPERIA-74LVT640 Datasheet
233Kb / 12P
   3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74ABT245 PHILIPS-74ABT245 Datasheet
104Kb / 10P
   Octal transceiver with direction pin 3-State
1998 Jan 16
logo
Nexperia B.V. All right...
74ABT245 NEXPERIA-74ABT245 Datasheet
233Kb / 12P
   Octal transceiver with direction pin; 3-state
Rev. 5 - 9 July 2021
logo
NXP Semiconductors
74ABT245DB NXP-74ABT245DB Datasheet
827Kb / 6P
   Octal transceiver with direction pin (3-State)
74LVT245 PHILIPS-74LVT245 Datasheet
92Kb / 10P
   3.3V Octal transceiver with direction pin 3-State
1998 Feb 19
74LVT245B PHILIPS-74LVT245B Datasheet
106Kb / 10P
   3.3V Octal transceiver with direction pin (3-State)
1999 Mar 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com