Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC817DS Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza BC817DS
Descripción Electrónicos  NPN general purpose double transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC817DS Datasheet(HTML) 3 Page - NXP Semiconductors

  BC817DS Datasheet HTML 1Page - NXP Semiconductors BC817DS Datasheet HTML 2Page - NXP Semiconductors BC817DS Datasheet HTML 3Page - NXP Semiconductors BC817DS Datasheet HTML 4Page - NXP Semiconductors BC817DS Datasheet HTML 5Page - NXP Semiconductors BC817DS Datasheet HTML 6Page - NXP Semiconductors BC817DS Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2002 Nov 22
3
NXP Semiconductors
Product data sheet
NPN general purpose double transistor
BC817DS
THERMAL CHARACTERISTICS
Note
1.
Device mounted on a printed-circuit board; single sided copper; tinplated; mounting pad for collector 1 cm2.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Notes
1.
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
2.
VBE decreases by approximately −2 mV/K with increasing temperature.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to
ambient
note 1
208
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per transistor
ICBO
collector-base cut-off current
VCB = 20 V; IE = 0
100
nA
VCB = 20 V; IE = 0; Tj = 150 °C
5
μA
IEBO
emitter-base cut-off current
VEB = 5 V; IC = 0
100
nA
hFE
DC current gain
VCE = 1 V; IC = 100 mA; note 1
160
400
VCE = 1 V; IC = 500 mA; note 1
40
VCEsat
collector-emitter saturation voltage IC = 500 mA; IB = 50 mA; note 1
700
mV
VBE
base-emitter voltage
VCE = 1 V; IC = 500 mA;
notes 1 and 2
1.2
V
Cc
collector capacitance
VCB = 10 V; IE = Ie = 0; f = 1 MHz
5
pF
fT
transition frequency
VCE = 5 V; IC = 10 mA;
f = 100 MHz
100
MHz


Número de pieza similar - BC817DS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC817DS PHILIPS-BC817DS Datasheet
66Kb / 8P
   NPN general purpose double transistor
2002 Nov 22
BC817DS NXP-BC817DS Datasheet
135Kb / 7P
   NPN general purpose double
2002 Nov 22
logo
Shenzhen Luguang Electr...
BC817DS LUGUANG-BC817DS Datasheet
713Kb / 4P
   NPN General Purpose Double Transistor
logo
Nexperia B.V. All right...
BC817DS NEXPERIA-BC817DS Datasheet
209Kb / 7P
   NPN/NPN general purpose double transistors
25 June 2019
logo
NXP Semiconductors
BC817DS115 NXP-BC817DS115 Datasheet
135Kb / 7P
   NPN general purpose double
2002 Nov 22
More results

Descripción similar - BC817DS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PEMX1 PHILIPS-PEMX1 Datasheet
47Kb / 8P
   NPN general purpose double transistor
2001 Nov 07
BC847BS PHILIPS-BC847BS Datasheet
45Kb / 8P
   NPN general purpose double transistor
1999 Apr 28
logo
Guangdong Kexin Industr...
BCV61 KEXIN-BCV61 Datasheet
131Kb / 3P
   NPN general purpose double transistor
logo
Nexperia B.V. All right...
PEMX1 NEXPERIA-PEMX1 Datasheet
178Kb / 7P
   NPN/NPN general purpose double transistor
29 December 2022
logo
NXP Semiconductors
BC846S PHILIPS-BC846S Datasheet
50Kb / 8P
   NPN general purpose double transistor
1999 Sep 01
logo
Nexperia B.V. All right...
BC846S-Q NEXPERIA-BC846S-Q Datasheet
222Kb / 11P
   NPN general purpose double transistor
22 July 2021
logo
NXP Semiconductors
PUMX1 PHILIPS-PUMX1 Datasheet
43Kb / 8P
   NPN general purpose double transistor
1999 Apr 14
BC817DS PHILIPS-BC817DS Datasheet
66Kb / 8P
   NPN general purpose double transistor
2002 Nov 22
logo
Nexperia B.V. All right...
BC846S NEXPERIA-BC846S Datasheet
233Kb / 9P
   NPN general purpose double transistor
1 October 2022
BC847BV NEXPERIA-BC847BV Datasheet
191Kb / 8P
   NPN general purpose double transistor
27 December 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com