Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS4226-BQ Datasheet(PDF) 24 Page - Cirrus Logic

No. de pieza CS4226-BQ
Descripción Electrónicos  Surround Sound Codec
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4226-BQ Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS4226-BQ Datasheet HTML 20Page - Cirrus Logic CS4226-BQ Datasheet HTML 21Page - Cirrus Logic CS4226-BQ Datasheet HTML 22Page - Cirrus Logic CS4226-BQ Datasheet HTML 23Page - Cirrus Logic CS4226-BQ Datasheet HTML 24Page - Cirrus Logic CS4226-BQ Datasheet HTML 25Page - Cirrus Logic CS4226-BQ Datasheet HTML 26Page - Cirrus Logic CS4226-BQ Datasheet HTML 27Page - Cirrus Logic CS4226-BQ Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
CS4226
24
DS188F4
3 REGISTER DESCRIPTION
3.1
Memory Address Pointer (MAP)
MAP4-MAP0
Register Pointer
INCR
Auto Increment Control Bit
0 - No auto increment
1 - Auto increment on
This register defaults to 01h.
3.2
Reserved Byte (00h)
This byte is reserved for internal use and must be set to 00h for normal operation.
This register defaults to 00h.
3.3
Clock Mode Byte (01h)
CS2-CS0
Sets the source of the master clock.
0 - Crystal Oscillator or XTI at high frequency (PLL disabled)
1 - PLL driven by LRCKAUX at 1 Fs
2 - PLL driven by LRCK at 1 Fs
3 - PLL driven by XTI at 1 Fs
4 - PLL driven by RX1 data. This changes AUX port to S/PDIF port.
5 - PLL driven by RX2 data. This changes AUX port to S/PDIF port.
6 - PLL driven by RX3 data. This changes AUX port to S/PDIF port.
7 - PLL driven by RX4 data. This changes AUX port to S/PDIF port.
CI1-CI0
Determines frequency of XTI when PLL is disabled (not used if CS
≠ 0)
0 - 256 Fs
1 - 384 Fs
2 - 512 Fs
3 - not used
CO1-CO0
Sets CLKOUT frequency
0 - 256 Fs
1 - 384 Fs
2 - 512 Fs
3 - 1 Fs
This register defaults to 01h.
NOTE: If the sample rate on an input pin changes while using the PLL with RX1, RX2, RX3 or RX4,
the PLL will not resynchronize to the new sample rate. You must either change input pins or change
the Clock Mode Byte to something else and then change it back to the correct value. This will cause
the PLL to resync.
B7
B6
B5
B4
B3
B2
B1
B0
INCR
0
0
MAP4
MAP3
MAP2
MAP1
MAP0
B7
B6
B5
B4
B3
B2
B1
B0
0
CO1
CO0
CI1
CI0
CS2
CS1
CS0


Número de pieza similar - CS4226-BQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4226-BQ CIRRUS-CS4226-BQ Datasheet
1Mb / 60P
   Surround Sound Codec
More results

Descripción similar - CS4226-BQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4226 CIRRUS-CS4226 Datasheet
1Mb / 60P
   Surround Sound Codec
logo
Wolfson Microelectronic...
WM9704Q WOLFSON-WM9704Q Datasheet
271Kb / 35P
   4-Channel Surround Sound Codec
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
CS4228A CIRRUS-CS4228A Datasheet
518Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec?
CS4228 CIRRUS-CS4228 Datasheet
487Kb / 30P
   24-Bit, 96 kHz Surround Sound Codec?
logo
NEC
UPC1891A NEC-UPC1891A Datasheet
993Kb / 28P
   MATRIX SURROUND-SOUND PROCESSOR
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
Mitsubishi Electric Sem...
M62498FP MITSUBISHI-M62498FP Datasheet
191Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
logo
Renesas Technology Corp
M61510FP RENESAS-M61510FP Datasheet
7Mb / 19P
   DIGTAL SOUND CONTROLLER WIHT SURROUND
logo
STMicroelectronics
TDA7346 STMICROELECTRONICS-TDA7346 Datasheet
122Kb / 14P
   DIGITAL CONTROLLED SURROUND SOUND MATRIX
February 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com