Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS4391-KZ Datasheet(PDF) 1 Page - Cirrus Logic |
|
CS4391-KZ Datasheet(HTML) 1 Page - Cirrus Logic |
1 / 38 page Preliminary Product Information This document contains information for a new product. Cirrus Logic reserves the right to modify this product without notice. 1 Copyright © Cirrus Logic, Inc. 2004 (All Rights Reserved) http://www.cirrus.com CS4391 24-Bit, 192 kHz Stereo DAC with Volume Control Features Complete Stereo DAC System: Interpolation, D/A, Output Analog Filtering 108 dB Dynamic Range 94 dB THD+N Direct Stream Digital Mode Low Clock Jitter Sensitivity +5 V to +3 V Power Supply ATAPI Mixing On-Chip Digital De-emphasis for 32, 44.1, and 48 kHz Volume Control with Soft Ramp –119 dB Attenuation –1 dB Step Size –Zero Crossing Click-Free Transitions 36 mW with 3 V supply Direct Interface with 5 V to 1.8 V Logic Description The CS4391 is a complete stereo digital-to-analog sys- tem including digital interpolation, fourth-order delta- sigma digital-to-analog conversion, digital de-emphasis, volume control, channel mixing and analog filtering. The advantages of this architecture include: ideal differential linearity, no distortion mechanisms due to resistor matching errors, no linearity drift over time and tempera- ture and a high tolerance to clock jitter. The CS4391 accepts PCM data at sample rates from 2 kHz to 192 kHz, DSD audio data, consumes very little power and operates over a wide power supply range. These features are ideal for DVD, A/V receivers, CD and set-top box systems. ORDERING INFORMATION CS4391-KZ 20-pin TSSOP -10 to 70 °C CS4391-KZZ 20-pin TSSOP, Lead Free -10 to 70°C CDB4391 Evaluation Board I LRCK SDATA (SDA/CDIN) MCLK AMUTEC AOUTA- AOUTB- SERIAL PORT INTERPOLATION INTERPOLATOR (CONTROL PORT) ∆Σ DAC DAC EXTERNAL ANALOG FILTER ANALOG FILTER ∆Σ MUTE CONTROL FILTER FILTER RST SCLK VOLUME CONTROL VOLUME CONTROL MIXER (SCL/CCLK) (AD0/CS) AOUTA+ AOUTB+ CMOUT REFERENCE FILT+ BMUTEC M1 M3 M2 MODE SELECT M0 Jul ‘04 DS335PP4 |
Número de pieza similar - CS4391-KZ |
|
Descripción similar - CS4391-KZ |