Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CDB4226 Datasheet(PDF) 13 Page - Cirrus Logic

No. de Pieza. CDB4226
Descripción  Surround Sound Codec
Descarga  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo 

CDB4226 Datasheet(HTML) 13 Page - Cirrus Logic

Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
CS4226
DS188F4
13
in the digital domain. The change from analog
to digital attenuation occurs at -23 dB. Level
changes only take effect on zero crossings to
minimize audible artifacts. If there is no zero
crossing, then the requested level change will
occur after a time-out period between 512 and
1024 frames (11.6 ms to 23.2 ms at 44.1 kHz
frame rate). There is a separate zero crossing
detector for each channel. Each ACC bit (Ac-
ceptance bit) in the DAC Status Report Byte
gives feedback on when a volume control
change has taken effect. This bit goes high
when a new setting is loaded and returns low
when it has taken effect. Volume control
changes can be instantaneous by setting the
Zero Crossing Disable (ZCD) bit in the DAC
Control Byte to 1.
Each output can be independently muted via
mute control bits, MUT6-1, in the DAC Control
Byte. The mute also takes effect on a zero-
crossing or after a timeout. In addition, the
CS4226 has an optional mute on consecutive
zeros feature, where all DAC outputs will mute
if they receive between 512 and 1024 consec-
utive zeros (or -1 code) on all six channels.
A single non-zero value will unmute the DAC
outputs. This feature can be disabled with the
MUTC bit in the DAC Control Byte. When us-
ing the internal PLL as the clock source, all
DACs will instantly mute when the PLL detects
an error.
2.4
Clock Generation
The master clock to operate the CS4226 may
be generated by using the on-chip inverter and
an external crystal, by using the on-chip PLL,
or by using an external clock source. In all
modes it is required to have SCLK and LRCK
synchronous to the selected master clock.
2.4.1
Clock Source
The CS4226 requires a high frequency master
clock to run the internal logic. The Clock
Source bits, CS0/1/2 in Clock Mode Byte, de-
termine the source of the clock. A high fre-
quency crystal can be connected to XTI and
XTO, or a high frequency clock can be applied
to XTI. In both these cases, the internal PLL is
disabled, and the VCO turns off. The external-
ly supplied high frequency clock can be
256 Fs, 384 Fs or 512 Fs; this is set by the
CI0/1 bits in the Clock Mode Byte. When using
the on-chip crystal oscillator, external loading
capacitors are required, see Figure 1. High fre-
quency crystals (>8 MHz) should be parallel
resonant, fundamental mode and designed for
_
22 k
150pF
3.9 k
11 k
1000pF
+
CMOUT
5 k
0.47
µF
Example
Op-Amps
are
MC33078
_
5.85 k
560 pF
1.21 k
1.1 k
5600 pF
+
CMOUT
5 k
0.47
µ F
AOUT
4.75 k
5600 pF
2-Pole Butterworth Filter
3-Pole Butterworth Filter
AOUT
Figure 3. Butterworth Filter Examples


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37