Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCE58A Datasheet(PDF) 2 Page - Littelfuse

No. de pieza LCE58A
Descripción Electrónicos  Transient Voltage Suppression Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LCE58A Datasheet(HTML) 2 Page - Littelfuse

  LCE58A Datasheet HTML 1Page - Littelfuse LCE58A Datasheet HTML 2Page - Littelfuse LCE58A Datasheet HTML 3Page - Littelfuse LCE58A Datasheet HTML 4Page - Littelfuse LCE58A Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
94
Transient Voltage Suppression Diodes
Revision: January 09, 2009
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Leaded – 1500W > LCE series
LCE Series
Please refer to http://www.Littelfuse.com/series/LCE.html for current information.
Electrical Characteristics
Part
Number
Reverse
Stand off
Voltage
V
R (V)
Breakdown
Voltage V
BR
(V)
Test
Current
I
T
(mA)
Maximum
Reverse
Leakage
I
R @ VR
(μA)
Maximum
Clamping
Voltage
at I
pp
V
C (V)
Maximum
Peak
Pulse
Current
(Fig.3)
I
PPM (A)
Maximum
Junction
Capacitance
@ 0Volts
(pF)
Working
Inverse
Blocking
Voltage
V
WIB (V)
Inverse
Blocking
Leakage
Current at
I
IB @ VWIB
(mA)
Peak
Inverse
Blocking
Voltage
V
PIB (V)
Agency
Approval
MIN
MAX
LCE6.5A
6.5
7.22
7.98
10
1000
11.2
100.0
100
75
1.0
100
X
LCE7.0A
7.0
7.78
8.60
10
500
12.0
100.0
100
75
1.0
100
X
LCE7.5A
7.5
8.33
9.21
10
250
12.9
100.0
100
75
1.0
100
X
LCE8.0A
8.0
8.89
9.83
1
100
13.6
100.0
100
75
1.0
100
X
LCE8.5A
8.5
9.44
10.40
1
50
14.4
100.0
100
75
1.0
100
X
LCE9.0A
9.0
10.00
11.10
1
10
15.4
97.0
100
75
1.0
100
X
LCE10A
10.0
11.10
12.30
1
5
17.0
88.0
100
75
1.0
100
X
LCE11A
11.0
12.20
13.50
1
1
18.2
82.0
100
75
1.0
100
X
LCE12A
12.0
13.30
14.70
1
1
19.9
75.0
100
75
1.0
100
X
LCE13A
13.0
14.40
15.90
1
1
21.5
70.0
100
75
1.0
100
X
LCE14A
14.0
15.60
17.20
1
1
23.2
65.0
100
75
1.0
100
X
LCE15A
15.0
16.70
18.50
1
1
24.4
61.0
100
75
1.0
100
X
LCE16A
16.0
17.80
19.70
1
1
26.0
57.0
100
75
1.0
100
X
LCE17A
17.0
18.90
20.90
1
1
27.6
54.0
100
75
1.0
100
X
LCE18A
18.0
20.00
22.10
1
1
29.2
51.0
100
75
1.0
100
X
LCE20A
20.0
22.20
24.50
1
1
32.4
46.0
100
75
1.0
100
X
LCE22A
22.0
24.40
26.90
1
1
35.5
42.0
100
75
1.0
100
X
LCE24A
24.0
26.70
29.50
1
1
38.9
39.0
100
75
1.0
100
X
LCE26A
26.0
28.90
31.90
1
1
42.1
36.0
100
75
1.0
100
X
LCE28A
28.0
31.10
34.40
1
1
45.5
33.0
100
75
1.0
100
X
LCE30A
30.0
33.30
36.80
1
1
48.4
31.0
100
75
1.0
100
LCE33A
33.0
36.70
40.60
1
1
53.3
28.1
100
75
1.0
100
LCE36A
36.0
40.00
44.20
1
1
58.1
25.8
100
75
1.0
100
LCE40A
40.0
44.40
49.10
1
1
64.5
23.3
100
75
1.0
100
LCE43A
43.0
47.80
52.80
1
1
69.4
21.6
100
75
1.0
100
LCE45A
45.0
50.00
55.30
1
1
72.7
20.6
100
75
1.0
100
LCE48A
48.0
53.30
58.90
1
1
77.4
19.4
100
75
1.0
100
LCE51A
51.0
56.70
62.70
1
1
82.4
18.2
100
75
1.0
100
LCE54A
54.0
60.00
66.30
1
1
87.1
17.2
100
100
1.0
125
LCE58A
58.0
64.40
71.20
1
1
93.6
16.0
100
100
1.0
125
LCE60A
60.0
66.70
73.70
1
1
96.8
15.5
100
100
1.0
125
LCE64A
64.0
71.10
78.60
1
1
103.0
14.6
100
100
1.0
125
LCE70A
70.0
77.80
86.00
1
1
113.0
13.3
100
125
1.0
150
LCE75A
75.0
83.30
92.10
1
1
121.0
12.4
100
125
1.0
150
LCE85A
85.0
94.40 104.00
1
1
129.0
11.6
100
125
1.0
150
LCE90A
90.0
100.00 111.00
1
1
146.0
10.3
100
125
1.0
150
Note: For parts without A, the V
BR is ± 10%.


Número de pieza similar - LCE58A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
LCE58A EIC-LCE58A Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LCE58A NJSEMI-LCE58A Datasheet
279Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
LCE58A MICROSEMI-LCE58A Datasheet
85Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Anova Technologies CO.,...
LCE58A ANOVA-LCE58A Datasheet
283Kb / 3P
   Axial Lead Transient Voltage Suppressors
logo
TAITRON Components Inco...
LCE58A TAITRON-LCE58A Datasheet
179Kb / 5P
   1500W Low Capacitance Transient Voltage Suppressor
More results

Descripción similar - LCE58A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com