Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

934060927412 Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza 934060927412
Descripción Electrónicos  Triac logic level
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

934060927412 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 934060927412 Datasheet HTML 2Page - NXP Semiconductors 934060927412 Datasheet HTML 3Page - NXP Semiconductors 934060927412 Datasheet HTML 4Page - NXP Semiconductors 934060927412 Datasheet HTML 5Page - NXP Semiconductors 934060927412 Datasheet HTML 6Page - NXP Semiconductors 934060927412 Datasheet HTML 7Page - NXP Semiconductors 934060927412 Datasheet HTML 8Page - NXP Semiconductors 934060927412 Datasheet HTML 9Page - NXP Semiconductors 934060927412 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Z00607MA_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 26 February 2008
6 of 12
NXP Semiconductors
Z00607MA
Triac logic level
6.
Static characteristics
Table 5.
Static characteristics
Tj =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
IGT
gate trigger current
VD =12V; IT = 0.1 A; see Figure 8
T2+ G+
-
1
5
mA
T2+ G
-
25mA
T2
− G−
-
25mA
T2
− G+
-
4
7
mA
IL
latching current
VD =12V; IG = 0.1 A; see Figure 10
T2+ G+
-
1
10
mA
T2+ G
-
5
10
mA
T2
− G−
-
1
10
mA
T2
− G+
-
2
10
mA
IH
holding current
VD =12V; IG = 0.1 A; see Figure 11
-
1
10
mA
VT
on-state voltage
IT = 0.85 A; see Figure 9
-
1.35
1.6
V
VGT
gate trigger voltage
VD =12V; IT = 0.1 A; see Figure 7
-
0.9
2
V
VD =VDRM; IT = 0.1 A; Tj = 110 °C
0.1
0.7
-
V
ID
off-state current
VD =VDRM(max); Tj = 125 °C
-
0.1
0.5
mA


Número de pieza similar - 934060927412

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Keystone Electronics Co...
9340 KEYSTONE-9340 Datasheet
255Kb / 1P
   6-32 PAN HEAD SCREW
9340 KEYSTONE-9340 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Molex Electronics Ltd.
93405-0004 MOLEX11-93405-0004 Datasheet
198Kb / 2P
   REVERSE FOOTPRINT PICOFLEX SMT HEADER
93405-0006 MOLEX11-93405-0006 Datasheet
198Kb / 2P
   REVERSE FOOTPRINT PICOFLEX SMT HEADER
93405-0008 MOLEX11-93405-0008 Datasheet
198Kb / 2P
   REVERSE FOOTPRINT PICOFLEX SMT HEADER
More results

Descripción similar - 934060927412

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FT04 ETC1-FT04 Datasheet
133Kb / 4P
   LOGIC LEVEL TRIAC
logo
NXP Semiconductors
BT1306-400D PHILIPS-BT1306-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
BT1308-400D PHILIPS-BT1308-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
logo
List of Unclassifed Man...
FT16 ETC-FT16 Datasheet
142Kb / 4P
   LOGIC LEVEL TRIAC
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6_12 Datasheet
195Kb / 5P
   LOGIC LEVEL TRIAC
logo
NXP Semiconductors
MAC97A8 PHILIPS-MAC97A8 Datasheet
219Kb / 12P
   Logic level triac
Rev. 01-29 March 2001
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6 Datasheet
130Kb / 5P
   LOGIC LEVEL TRIAC
UT131 UTC-UT131_15 Datasheet
278Kb / 5P
   TRIAC LOGIC LEVEL
logo
List of Unclassifed Man...
MAC97A6 ETC-MAC97A6 Datasheet
291Kb / 4P
   0.8A Logic level TRIAC
logo
STMicroelectronics
T1610T-8I STMICROELECTRONICS-T1610T-8I Datasheet
179Kb / 10P
   Logic level 16 A Triac
April 2012 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com