Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS5485IRGCTG4 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza ADS5485IRGCTG4
Descripción Electrónicos  16-Bit, 170/200-MSPS Analog-to-Digital Converters
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS5485IRGCTG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS5485IRGCTG4 Datasheet HTML 7Page - Texas Instruments ADS5485IRGCTG4 Datasheet HTML 8Page - Texas Instruments ADS5485IRGCTG4 Datasheet HTML 9Page - Texas Instruments ADS5485IRGCTG4 Datasheet HTML 10Page - Texas Instruments ADS5485IRGCTG4 Datasheet HTML 11Page - Texas Instruments ADS5485IRGCTG4 Datasheet HTML 12Page - Texas Instruments ADS5485IRGCTG4 Datasheet HTML 13Page - Texas Instruments ADS5485IRGCTG4 Datasheet HTML 14Page - Texas Instruments ADS5485IRGCTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Code
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
16384
32768
49152
65536
G007
fS = 170 MSPS
fIN = 10 MHz, –1 dBFS
Code
−4
−3
−2
−1
0
1
2
3
4
0
16384
32768
49152
65536
G008
fS = 170 MSPS
fIN = 10 MHz, –1 dBFS
AIN − Input Amplitude − dBFS
0
10
20
30
40
50
60
70
80
90
100
110
120
130
−100 −90
−80
−70
−60
−50
−40
−30
−20
−10
0
G009
fS = 170 MSPS
fIN = 130 MHz
AIN = 0 to −100 dBFS
256k Point FFT
SFDR (dBFS,
Dither ON)
SNR (dBFS,
Dither ON)
SFDR (dBc,
Dither OFF)
SFDR (dBFS,
Dither OFF)
SFDR (dBc,
Dither ON)
SNR (dBc,
Dither ON)
AIN − Input Amplitude − dBFS
60
65
70
75
80
85
90
−40
−36
−32
−28
−24
−20
−16
−12
−8
−4
0
G010
SFDR (dBc,
Dither OFF)
SFDR (dBc,
Dither ON)
fS = 170 MSPS
fIN = 130 MHz
AIN = 0 to −40 dBFS
256k Point FFT
ADS5484
ADS5485
www.ti.com ............................................................................................................................................... SLAS610C – AUGUST 2008 – REVISED OCTOBER 2009
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C, sampling rate = max rated, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude =
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
ADS5484 DIFFERENTIAL NONLINEARITY
ADS5484 INTEGRAL NONLINEARITY
Figure 6.
Figure 7.
ADS5484 AC PERFORMANCE
ADS5484 AC PERFORMANCE
vs
vs
INPUT AMPLITUDE (130-MHz Input Signal)
INPUT AMPLITUDE (130-MHz Input Signal)
Figure 8.
Figure 9.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS5484 ADS5485


Número de pieza similar - ADS5485IRGCTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS5485IRGCTG4 TI-ADS5485IRGCTG4 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 170/200-MSPS Analog-to-Digital Converters
ADS5485IRGCTG4 TI-ADS5485IRGCTG4 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, 170/200-MSPS Analog-to-Digital Converters
More results

Descripción similar - ADS5485IRGCTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS5484 TI-ADS5484_2 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, 170/200-MSPS Analog-to-Digital Converters
ADS5484 TI-ADS5484 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 170/200-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9467 AD-AD9467 Datasheet
987Kb / 32P
   16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9683 AD-AD9683 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS5481_0811 TI-ADS5481_0811 Datasheet
2Mb / 42P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5481 TI-ADS5481 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5481 TI-ADS5481_08 Datasheet
1Mb / 35P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9250 AD-AD9250 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
REV. 0
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com