Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

045-0883R Datasheet(PDF) 43 Page - Analog Devices

No. de Pieza. 045-0883R
Descripción  ADSP-BF506F EZ-KIT Lite® Evaluation System Manual
Descarga  75 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo 

045-0883R Datasheet(HTML) 43 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 43 / 75 page
background image
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
2-9
ADSP-BF506F EZ-KIT Lite Hardware Reference
Push Button Enable Switch (SW3)
The push button enable switch (SW3) disconnects the associated push but-
ton circuit from the general-purpose I/O (GPIO) pins of the processor
and allows the signals to be used on the expansion interface.
ADC Enable Switch (SW4)
The ADC enable switch (SW4) disconnects the ADC from the SPORT1
interface of the processor and allows the ADC signals to be used on the
SD connector or the expansion interface.
CAN Enable Switch (SW5)
The CAN enable switch (SW5) disconnects the CAN transceiver from the
processor and allows the CAN signals to be used on the expansion
interface.
Reset Push Button (SW6)
The reset push button (SW6) resets the processor via a hardware reset. The
reset push button does not reset the on-board debug agent. The only way
to reset the debug agent is to cycle power.
6
Reserved
7
Boots through UART0 slave from host device
Table 2-5. Boot Mode Select Switch (SW2) (Cont’d)
SW2 Position
Processor Boot Mode


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn