Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

045-0883R Datasheet(PDF) 10 Page - Analog Devices

No. de Pieza. 045-0883R
Descripción  ADSP-BF506F EZ-KIT Lite® Evaluation System Manual
Descarga  75 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo 

045-0883R Datasheet(HTML) 10 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
x
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
The evaluation board is designed to be used in conjunction with the Visu-
alDSP++® development environment to test capabilities of the
ADSP-BF504/BF506(F) Blackfin processors. The VisualDSP++ develop-
ment environment aids advanced application code development and
debug, such as:
• Create, compile, assemble, and link application programs written
in C++, C, and ADSP-BF506F assembly
• Load, run, step, halt, and set breakpoints in application programs
• Read and write data and program memory
• Read and write core and peripheral registers
• Plot memory
Access to the processor from a personal computer (PC) is achieved
through a USB port or an external JTAG emulator. The USB interface
provides unrestricted access to the ADSP-BF506F processor and evalua-
tion board peripherals. Analog Devices JTAG emulators offer faster
communication between the host PC and target hardware. Analog Devices
carries a wide range of in-circuit emulation products. To learn more about
Analog Devices emulators and processor development tools, go to
http://www.analog.com/dsp/tools/
.
The ADSP-BF506F EZ-KIT Lite provides example programs to demon-
strate the evaluation board capabilities.
An EZ-KIT Lite is a licensed product that offers an unrestricted
evaluation license for the first 90 days. For details about evaluation
license restrictions after the 90 days, refer to “Evaluation License
Restrictions” on page 1-7 in this manual and the VisualDSP++
Installation Quick Reference Card.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75