Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

045-0883R Datasheet(PDF) 23 Page - Analog Devices

No. de Pieza. 045-0883R
Descripción  ADSP-BF506F EZ-KIT Lite® Evaluation System Manual
Descarga  75 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo 

045-0883R Datasheet(HTML) 23 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 23 / 75 page
background image
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
1-3
Using ADSP-BF506F EZ-KIT Lite
Default Configuration
The ADSP-BF506F EZ-KIT Lite board is designed to run outside your
personal computer as a stand-alone unit. You do not have to open your
computer case.
When removing the EZ-KIT Lite board from the package, handle the
board carefully to avoid the discharge of static electricity, which can dam-
age some components. Figure 1-1 shows the default jumper settings,
switches, connector locations, and LEDs used in installation. Confirm
that your board is in the default configuration before using the board.
EZ-KIT Lite Installation
For correct operation, install the software and hardware in the order pre-
sented in the VisualDSP++ Installation Quick Reference Card. Substitute
instructions in step 3 with instructions in this section.
There are two options to connect the EZ-KIT Lite hardware to a personal
computer (PC) running VisualDSP++ 5.0: via an Analog Devices emula-
tor or va a standalone debug module. The standalone debug agent allows a
debug agent to interface to the ADSP-BF506F EZ-KIT Lite. The standal-
one debug agent is shipped with the kit.
The EZ-KIT Lite evaluation system contains ESD (electrostatic discharge)
sensitive devices. Electrostatic charges readily accumulate on the human body
and equipment and can discharge without detection. Permanent damage may
occur on devices subjected to high-energy discharges. Proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
Store unused EZ-KIT Lite boards in the protective shipping package.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75