Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

045-0883R Datasheet(PDF) 29 Page - Analog Devices

No. de pieza 045-0883R
Descripción Electrónicos  ADSP-BF506F EZ-KIT Lite® Evaluation System Manual
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

045-0883R Datasheet(HTML) 29 Page - Analog Devices

Back Button 045-0883R Datasheet HTML 25Page - Analog Devices 045-0883R Datasheet HTML 26Page - Analog Devices 045-0883R Datasheet HTML 27Page - Analog Devices 045-0883R Datasheet HTML 28Page - Analog Devices 045-0883R Datasheet HTML 29Page - Analog Devices 045-0883R Datasheet HTML 30Page - Analog Devices 045-0883R Datasheet HTML 31Page - Analog Devices 045-0883R Datasheet HTML 32Page - Analog Devices 045-0883R Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 75 page
background image
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
1-9
Using ADSP-BF506F EZ-KIT Lite
By default, the EZ-KIT Lite boots from SPI flash memory. The processor
boots from internal parallel flash memory if the boot mode select switch
(SW2) is set to position 1 or 2; see “Boot Mode Select Switch (SW2)” on
page 2-8.
Flash memory code can be modified. For instructions, refer to the online
Help and example program included in the EZ-KIT Lite installation
directory.
SPI Flash Memory Interface
SPI flash memory of the ADSP-BF506F EZ-KIT Lite is a 16 Mb Num-
onyx M25P16 device. The device is selected via SPI0_SEL1.
SPI flash memory is pre-loaded with boot code for the power-on-self test
(POST) program. For more information, refer to “Power-On-Self Test”
on page 1-9.
Power-On-Self Test
The power-on-self-test program (POST) tests all EZ-KIT Lite peripherals
and validates functionality as well as connectivity to the processor. Once
assembled, each EZ-KIT Lite if fully tested for an extended period of time
with a POST. All EZ-KIT Lite boards are shipped with a POST
pre-loaded into one of their on-board flash memories. The POST is exe-
cuted by resetting the board and pressing the proper push button(s). The
POST also can be used for reference for a custom software design or hard-
ware troubleshooting. Note that the source code for the POST program is
included in the VisualDSP++ installation directory along with the
readme.txt file, which describes how the board is configured to run a
POST.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn