Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM055C475MHN480 Datasheet(PDF) 7 Page - AVX Corporation

No. de pieza SM055C475MHN480
Descripción Electrónicos  AVX Advanced Ceramic Capacitors for Power Supply, High Voltage and Tip and Ring Applications
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVX [AVX Corporation]
Página de inicio  http://www.avx.com
Logo AVX - AVX Corporation

SM055C475MHN480 Datasheet(HTML) 7 Page - AVX Corporation

Back Button SM055C475MHN480 Datasheet HTML 3Page - AVX Corporation SM055C475MHN480 Datasheet HTML 4Page - AVX Corporation SM055C475MHN480 Datasheet HTML 5Page - AVX Corporation SM055C475MHN480 Datasheet HTML 6Page - AVX Corporation SM055C475MHN480 Datasheet HTML 7Page - AVX Corporation SM055C475MHN480 Datasheet HTML 8Page - AVX Corporation SM055C475MHN480 Datasheet HTML 9Page - AVX Corporation SM055C475MHN480 Datasheet HTML 10Page - AVX Corporation SM055C475MHN480 Datasheet HTML 11Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 112 page
background image
6
AC Ripple Capability
Due to the wide range of product offering in this catalog, the
AC ripple capabilities for switch mode power supply capacitors
and high voltage capacitors are provided in the form of IBM
compatible software package called SpiCalci. It is available
free from AVX and can be downloaded for free from AVX
website: www.avx.com.
SpiCalci program will provide answers to most of the design
engineers’ questions on critical parameters for their specific
applications:
• Equivalent Series Resistance
- function of frequency and temperature
• Equivalent Series Inductance
- function of design
• Self Resonant Frequency
f = 1/ (2 x π
L x C)
• Thermal Characteristics
- function of design
• AC Ripple Capabilities
- function of frequency, temperature and design
TYPICAL ESR -vs- Frequency
FOR SM04 STYLE CAPACITORS
1
μF
4.7
μF9μF
10.000
1.000
0.100
0.010
0.001
1.0
10.0
100.0
1000.0
Frequency (kHz)
MAXIMUM RMS CURRENT FOR 50 VDC, CH - X7R
@ 100 KHz & 25 C Ambient
ASSUMING MAX. CAP. FOR SINGLE CHIP CONSTRUCTION
50
45
40
35
30
25
20
15
10
5
0
6.8
CH41
8.7
CH51
10.4
CH61
16.5
CH71
11.9
CH76
29.9
CH81
26.6
CH86
28.8
CH91
STYLE
MAXIMUM RMS CURRENT FOR 50 WVDC, SM - X7R
@ 100 KHz & 25 C Ambient
ASSUMING MAX. CAP. FOR SINGLE CHIP CONSTRUCTION
50
45
40
35
30
25
20
15
10
5
0
36.8
28.3
22.7
9.7
5.7
33.8
SM01
SM02
SM03
SM04
SM05
SM06
STYLE
MAXIMUM RMS CURRENT FOR 25 WVDC, SK - Z5U
@ 100 KHz & 25 C Ambient
ASSUMING MAX. CAP. FOR EACH STYLE
12
10
8
6
4
2
0
1.7
4.5
6.2
7.4
7.7
11.0
6.7
8.7
SK01
SK04
SK05
SK06
SK07
SK08
SK09
SK10
STYLE
EXAMPLE (SK ONLY)
SMPS Capacitors
Capacitor Performance
EXAMPLE (CH ONLY)
EXAMPLE (SM ONLY)
Examples of Product Performance


Número de pieza similar - SM055C475MHN480

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
SM055C105KAN120 AVX-SM055C105KAN120 Datasheet
182Kb / 18P
   Technical Information on SMPS Capacitors
More results

Descripción similar - SM055C475MHN480

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
05041A0R5CA79A AVX-05041A0R5CA79A Datasheet
6Mb / 135P
   Advanced Ceramic Capacitors for Power Supply, High Voltage and Tip and Ring Applications
logo
Coilcraft lnc.
ST515FRF COILCRAFT-ST515FRF Datasheet
215Kb / 1P
   Tip and Ring Filters for Critical Applications
logo
HolyStone International
SAC HOLYSTONECAPS-SAC Datasheet
192Kb / 2P
   Tip & Ring Capacitors
logo
Coilcraft lnc.
TTTRF2000 COILCRAFT-TTTRF2000 Datasheet
80Kb / 1P
   Surface Mount Tip and Ring Filters
PTRF4000LB COILCRAFT-PTRF4000LB Datasheet
128Kb / 1P
   Surface Mount Tip and Ring Filters
PTRF2000L COILCRAFT-PTRF2000L_16 Datasheet
130Kb / 1P
   Surface Mount Tip and Ring Filters
TRF-2000L COILCRAFT-TRF-2000L Datasheet
159Kb / 1P
   Tip and Ring Common Mode Filters
PTRF2000L COILCRAFT-PTRF2000L Datasheet
77Kb / 1P
   Surface Mount Tip and Ring Filters
TRF2000L COILCRAFT-TRF2000L Datasheet
254Kb / 1P
   Tip and Ring Common Mode Filters
logo
Kemet Corporation
C0805C103KARAC KEMET-C0805C103KARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com