Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPSC107M050R0100V Datasheet(PDF) 9 Page - AVX Corporation |
|
TPSC107M050R0100V Datasheet(HTML) 9 Page - AVX Corporation |
9 / 11 page 41 * Insert K for ±10% and M for ±20% Capacitance Tolerance All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes. The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting. TPS series is MSL level 1 according to J-STD-020C.# Standard Plating – Insert R for 7" reel and S for 13" reel # Gold Plating – Insert A for 7" reel and B for 13" reel # Tin Lead Plating – Insert H for 7" reel (contact manufacturer) # Tin Lead Plating – Insert K for 13" reel (contact manufacturer) NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. TPS Series Low ESR Rated DCL DF ESR 100kHz Ripple Current Ratings (A) 100kHz Ripple Voltage Ratings (V) AVX Case Capacitance Voltage (μA) % Max. (mΩ) Part No. Size (μF) (V) Max. Max. @100kHz 25ºC 85ºC 125ºC 25ºC 85ºC 125ºC TPSE476*020#0070 E 47 20 9.4 6 70 1.535 1.382 0.614 0.107 0.097 0.043 TPSE476*020#0125 E 47 20 9.4 6 125 1.149 1.034 0.460 0.144 0.129 0.057 TPSE476*020#0150 E 47 20 9.4 6 150 1.049 0.944 0.420 0.157 0.142 0.063 TPSE476*020#0200 E 47 20 9.4 6 200 0.908 0.817 0.363 0.182 0.163 0.073 TPSE476*020#0250 E 47 20 9.4 6 250 0.812 0.731 0.325 0.203 0.183 0.081 TPSD686*020#0070 D 68 20 13.6 6 70 1.464 1.317 0.586 0.102 0.092 0.041 TPSD686*020#0150 D 68 20 13.6 6 150 1.000 0.900 0.400 0.150 0.135 0.060 TPSD686*020#0200 D 68 20 13.6 6 200 0.866 0.779 0.346 0.173 0.156 0.069 TPSD686*020#0300 D 68 20 13.6 6 300 0.707 0.636 0.283 0.212 0.191 0.085 TPSE686*020#0125 E 68 20 13.6 6 125 1.149 1.034 0.460 0.144 0.129 0.057 TPSE686*020#0150 E 68 20 13.6 6 150 1.049 0.944 0.420 0.157 0.142 0.063 TPSE686*020#0200 E 68 20 13.6 6 200 0.908 0.817 0.363 0.182 0.163 0.073 TPSD107*020#0085 D 100 20 20 6 85 1.328 1.196 0.531 0.113 0.102 0.045 TPSD107*020#0100 D 100 20 20 6 100 1.225 1.102 0.490 0.122 0.110 0.049 TPSD107*020#0150 D 100 20 20 6 150 1.000 0.900 0.400 0.150 0.135 0.060 TPSE107*020#0100 E 100 20 20 6 100 1.285 1.156 0.514 0.128 0.116 0.051 TPSE107*020#0150 E 100 20 20 6 150 1.049 0.944 0.420 0.157 0.142 0.063 TPSE107*020#0200 E 100 20 20 6 200 0.908 0.817 0.363 0.182 0.163 0.073 TPSV107*020#0060 V 100 20 20 8 60 2.041 1.837 0.816 0.122 0.110 0.049 TPSV107*020#0085 V 100 20 20 8 85 1.715 1.543 0.686 0.146 0.131 0.058 TPSV107*020#0100 V 100 20 20 8 100 1.581 1.423 0.632 0.158 0.142 0.063 TPSV107*020#0200 V 100 20 20 8 200 1.118 1.006 0.447 0.224 0.201 0.089 TPSV157*020#0080 V 150 20 30 8 80 1.768 1.591 0.707 0.141 0.127 0.057 25 Volt @ 85ºC (17 Volt @ 125ºC) TPSA474*025#7000 A 0.47 25 0.5 4 7000 0.104 0.093 0.041 0.725 0.652 0.290 TPSA684*025#6000 A 0.68 25 0.5 4 6000 0.112 0.101 0.045 0.671 0.604 0.268 TPSR105*025#2500 R 1 25 0.5 4 2500 0.148 0.133 0.059 0.371 0.334 0.148 TPSR105*025#4000 R 1 25 0.5 4 4000 0.117 0.106 0.047 0.469 0.422 0.188 TPSA155*025#3000 A 1.5 25 0.5 6 3000 0.158 0.142 0.063 0.474 0.427 0.190 TPSB155*025#1800 B 1.5 25 0.5 6 1800 0.217 0.196 0.087 0.391 0.352 0.156 TPSB225*025#0900 B 2.2 25 0.6 6 900 0.307 0.277 0.123 0.277 0.249 0.111 TPSB225*025#1200 B 2.2 25 0.6 6 1200 0.266 0.240 0.106 0.319 0.287 0.128 TPSB225*025#2500 B 2.2 25 0.6 6 2500 0.184 0.166 0.074 0.461 0.415 0.184 TPSA335*025#1000 A 3.3 25 0.8 6 1000 0.274 0.246 0.110 0.274 0.246 0.110 TPSA335*025#1500 A 3.3 25 0.8 6 1500 0.224 0.201 0.089 0.335 0.302 0.134 TPSB335*025#0750 B 3.3 25 0.8 6 750 0.337 0.303 0.135 0.252 0.227 0.101 TPSB335*025#1500 B 3.3 25 0.8 6 1500 0.238 0.214 0.095 0.357 0.321 0.143 TPSB335*025#2000 B 3.3 25 0.8 6 2000 0.206 0.186 0.082 0.412 0.371 0.165 TPSB475*025#0700 B 4.7 25 1.2 6 700 0.348 0.314 0.139 0.244 0.220 0.098 TPSB475*025#0900 B 4.7 25 1.2 6 900 0.307 0.277 0.123 0.277 0.249 0.111 TPSB475*025#1500 B 4.7 25 1.2 6 1500 0.238 0.214 0.095 0.357 0.321 0.143 TPSB685*025#0700 B 6.8 25 1.7 6 700 0.348 0.314 0.139 0.244 0.220 0.098 TPSC685*025#0500 C 6.8 25 1.7 6 500 0.469 0.422 0.188 0.235 0.211 0.094 TPSC685*025#0600 C 6.8 25 1.7 6 600 0.428 0.385 0.171 0.257 0.231 0.103 TPSC685*025#0700 C 6.8 25 1.7 6 700 0.396 0.357 0.159 0.277 0.250 0.111 TPSB106*025#1800 B 10 25 2.5 6 1800 0.217 0.196 0.087 0.391 0.352 0.156 TPSC106*025#0300 C 10 25 2.5 6 300 0.606 0.545 0.242 0.182 0.163 0.073 TPSC106*025#0500 C 10 25 2.5 6 500 0.469 0.422 0.188 0.235 0.211 0.094 TPSC156*025#0220 C 15 25 3.8 6 220 0.707 0.636 0.283 0.156 0.140 0.062 TPSC156*025#0300 C 15 25 3.8 6 300 0.606 0.545 0.242 0.182 0.163 0.073 TPSD156*025#0100 D 15 25 3.8 6 100 1.225 1.102 0.490 0.122 0.110 0.049 TPSD156*025#0300 D 15 25 3.8 6 300 0.707 0.636 0.283 0.212 0.191 0.085 TPSC226*025#0275 C 22 25 5.5 6 275 0.632 0.569 0.253 0.174 0.157 0.070 TPSC226*025#0400 C 22 25 5.5 6 400 0.524 0.472 0.210 0.210 0.189 0.084 TPSD226*025#0100 D 22 25 5.5 6 100 1.225 1.102 0.490 0.122 0.110 0.049 TPSD226*025#0200 D 22 25 5.5 6 200 0.866 0.779 0.346 0.173 0.156 0.069 TPSD226*025#0300 D 22 25 5.5 6 300 0.707 0.636 0.283 0.212 0.191 0.085 TPSD336*025#0100 D 33 25 8.3 6 100 1.225 1.102 0.490 0.122 0.110 0.049 TPSD336*025#0200 D 33 25 8.3 6 200 0.866 0.779 0.346 0.173 0.156 0.069 TPSD336*025#0300 D 33 25 8.3 6 300 0.707 0.636 0.283 0.212 0.191 0.085 TPSE336*025#0100 E 33 25 8.3 6 100 1.285 1.156 0.514 0.128 0.116 0.051 TPSE336*025#0175 E 33 25 8.3 6 175 0.971 0.874 0.388 0.170 0.153 0.068 TPSE336*025#0200 E 33 25 8.3 6 200 0.908 0.817 0.363 0.182 0.163 0.073 TPSE336*025#0300 E 33 25 8.3 6 300 0.742 0.667 0.297 0.222 0.200 0.089 TPSY336*025#0200 Y 33 25 8.3 6 200 0.791 0.712 0.316 0.158 0.142 0.063 TPSD476*025#0125 D 47 25 11.8 6 125 1.095 0.986 0.438 0.137 0.123 0.055 TPSD476*025#0150 D 47 25 11.8 6 150 1.000 0.900 0.400 0.150 0.135 0.060 RATINGS & PART NUMBER REFERENCE |
Número de pieza similar - TPSC107M050R0100V |
|
Descripción similar - TPSC107M050R0100V |