Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N3904 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza 2N3904
Descripción Electrónicos  High-Integration, High-Efficiency Power Solution Using DC/DC Converters With DVFS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

2N3904 Datasheet(HTML) 7 Page - Texas Instruments

  2N3904 Datasheet HTML 1Page - Texas Instruments 2N3904 Datasheet HTML 2Page - Texas Instruments 2N3904 Datasheet HTML 3Page - Texas Instruments 2N3904 Datasheet HTML 4Page - Texas Instruments 2N3904 Datasheet HTML 5Page - Texas Instruments 2N3904 Datasheet HTML 6Page - Texas Instruments 2N3904 Datasheet HTML 7Page - Texas Instruments 2N3904 Datasheet HTML 8Page - Texas Instruments 2N3904 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1k
10k
I
-OutputCurrent-mA
O
T =25°C
V
=1.8V
PWM/PFMMode
A
O
V =4.2V
I
V =2.5V
I
V =3.6V
I
V =5V
I
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1k
10k
I
-OutputCurrent-mA
O
T =25°C
V
=1.2V
PWM/PFMMode
A
O
V =4.2V
I
V =2.5V
I
V =3.6V
I
V =5V
I
www.ti.com
List of Material
4.1
Test Results
The start-up waveform shown in Figure 3 specifies the required sequence.
Figure 3. Shows Sequencing in Start-Up Waveform
Figure 4. DCDC1: Efficiency vs Output Current
Figure 5. DCDC2: Efficiency vs Output Current
7
SLVA340A – June 2009 – Revised May 2010
High-Integration, High-Efficiency Power Solution Using DC/DC Converters With
DVFS
Copyright © 2009–2010, Texas Instruments Incorporated


Número de pieza similar - 2N3904

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N3904 ONSEMI-2N3904 Datasheet
98Kb / 8P
   General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
logo
KODENSHI_AUK CORP.
2N3904 KODENSHI-2N3904 Datasheet
179Kb / 4P
   NPN Silicon Transistor
logo
AUK corp
2N3904 AUK-2N3904 Datasheet
52Kb / 3P
   NPN Silicon Transistor (General small signal application)
logo
Central Semiconductor C...
2N3904 CENTRAL-2N3904 Datasheet
323Kb / 2P
   NPN SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N3904 ETC-2N3904 Datasheet
209Kb / 3P
   NPN Transistor TO-92
17/09/19 V1.0
More results

Descripción similar - 2N3904

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SLVA341A TI-SLVA341A Datasheet
166Kb / 9P
[Old version datasheet]   High-Efficiency Power Solution Using DC/DC Converter With DVFS
SLVA339A TI-SLVA339A Datasheet
253Kb / 9P
[Old version datasheet]   High-Vin, High-Efficiency Power Solution Using DC/DC Converter With DVFS
logo
Toshiba Semiconductor
TK3R2A10PL TOSHIBA-TK3R2A10PL Datasheet
728Kb / 9P
   High-Efficiency DC-DC Converters
TK3R9E10PL TOSHIBA-TK3R9E10PL Datasheet
720Kb / 9P
   High-Efficiency DC-DC Converters
logo
Artesyn Technologies
SXE15 ARTESYN-SXE15_05 Datasheet
374Kb / 28P
   High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R1A04PL TOSHIBA-TK3R1A04PL Datasheet
438Kb / 9P
   High-Efficiency DC-DC Converters
TPCA8064-H TOSHIBA-TPCA8064-H Datasheet
275Kb / 9P
   High-Efficiency DC-DC Converters
logo
ON Semiconductor
NCP1500 ONSEMI-NCP1500_06 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
logo
Toshiba Semiconductor
TK2R9E10PL TOSHIBA-TK2R9E10PL Datasheet
716Kb / 9P
   High-Efficiency DC-DC Converters
logo
Artesyn Technologies
CXE15 ARTESYN-CXE15 Datasheet
391Kb / 24P
   High Efficiency DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com