Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AUC1G07DBVTE4 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza SN74AUC1G07DBVTE4
Descripción Electrónicos  SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC1G07DBVTE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74AUC1G07DBVTE4 Datasheet HTML 1Page - Texas Instruments SN74AUC1G07DBVTE4 Datasheet HTML 2Page - Texas Instruments SN74AUC1G07DBVTE4 Datasheet HTML 3Page - Texas Instruments SN74AUC1G07DBVTE4 Datasheet HTML 4Page - Texas Instruments SN74AUC1G07DBVTE4 Datasheet HTML 5Page - Texas Instruments SN74AUC1G07DBVTE4 Datasheet HTML 6Page - Texas Instruments SN74AUC1G07DBVTE4 Datasheet HTML 7Page - Texas Instruments SN74AUC1G07DBVTE4 Datasheet HTML 8Page - Texas Instruments SN74AUC1G07DBVTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VCC/2
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
2
× VCC
Open
GND
RL
RL
Data Input
Timing Input
VCC
0 V
VCC
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VCC
0 V
Input
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VCC
0 V
VOL + V
VOH − V
≈0 V
VCC
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
2
× VCC
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, slew rate ≥ 1 V/ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
Output
Control
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC
VCC/2
VCC/2
0.8 V
1.2 V
± 0.1 V
1.5 V
± 0.1 V
1.8 V
± 0.15 V
2.5 V
± 0.2 V
1.8 V
± 0.15 V
2.5 V
± 0.2 V
2 k
2 k
2 k
2 k
2 k
1 k
500
VCC
RL
0.1 V
0.1 V
0.1 V
0.15 V
0.15 V
0.15 V
0.15 V
V
CL
15 pF
15 pF
15 pF
15 pF
15 pF
30 pF
30 pF
SN74AUC1G07
SINGLE BUFFER/DRIVER
WITH OPEN-DRAIN OUTPUT
SCES373Q – SEPTEMBER 2001 – REVISED JULY 2007
Figure 1. Load Circuit and Voltage Waveforms
5
Submit Documentation Feedback


Número de pieza similar - SN74AUC1G07DBVTE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUC1G07DBVR TI-SN74AUC1G07DBVR Datasheet
309Kb / 12P
[Old version datasheet]   SINGLE BUFFER /DRIVER WITH OPEN - DRAIN OUTPUT
More results

Descripción similar - SN74AUC1G07DBVTE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
74LVCE1G07_1012 DIODES-74LVCE1G07_1012 Datasheet
276Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 2 - 2
74LVC1G07_1010 DIODES-74LVC1G07_1010 Datasheet
247Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_08 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07 Datasheet
394Kb / 16P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI1-SN74LVC1G07_18 Datasheet
2Mb / 44P
[Old version datasheet]   Single Buffer/Driver With Open-Drain Output
SN74LVC1G07 TI-SN74LVC1G07_10 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07-EP TI1-SN74LVC1G07-EP Datasheet
543Kb / 12P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74AHC1G07Q DIODES-74AHC1G07Q Datasheet
535Kb / 9P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
August 2020 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1G07 TI-SN74AUC1G07 Datasheet
309Kb / 12P
[Old version datasheet]   SINGLE BUFFER /DRIVER WITH OPEN - DRAIN OUTPUT
logo
Diodes Incorporated
74LVCE1G07 DIODES-74LVCE1G07 Datasheet
220Kb / 10P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_07 Datasheet
667Kb / 17P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com