Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AHCT1G08DCKT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AHCT1G08DCKT
Descripción Electrónicos  single 2-input positive-and gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT1G08DCKT Datasheet(HTML) 4 Page - Texas Instruments

  SN74AHCT1G08DCKT Datasheet HTML 1Page - Texas Instruments SN74AHCT1G08DCKT Datasheet HTML 2Page - Texas Instruments SN74AHCT1G08DCKT Datasheet HTML 3Page - Texas Instruments SN74AHCT1G08DCKT Datasheet HTML 4Page - Texas Instruments SN74AHCT1G08DCKT Datasheet HTML 5Page - Texas Instruments SN74AHCT1G08DCKT Datasheet HTML 6Page - Texas Instruments SN74AHCT1G08DCKT Datasheet HTML 7Page - Texas Instruments SN74AHCT1G08DCKT Datasheet HTML 8Page - Texas Instruments SN74AHCT1G08DCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SN74AHCT1G08
SINGLE 2INPUT POSITIVEAND GATE
SCLS315O − MARCH 1996 − REVISED JUNE 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50% VCC
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
3 V
0 V
50% VCC
50% VCC
Input
Out-of-Phase
Output
In-Phase
Output
Timing Input
50% VCC
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
Output
Control
Output
Waveform 1
S1 at VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈VCC
0 V
50% VCC
VOL + 0.3 V
50% VCC
≈0 V
3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open Drain
Open
VCC
GND
VCC
TEST
S1
3 V
0 V
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
D. The outputs are measured one at a time, with one input transition per measurement.
E. All parameters and waveforms are not applicable to all devices.
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT FOR
3-STATE AND OPEN-DRAIN OUTPUTS
S1
VCC
RL = 1 kΩ
GND
From Output
Under Test
CL
(see Note A)
Test
Point
LOAD CIRCUIT FOR
TOTEM-POLE OUTPUTS
Open
VOH − 0.3 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
Figure 1. Load Circuit and Voltage Waveforms


Número de pieza similar - SN74AHCT1G08DCKT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AHCT1G08DCKT TI-SN74AHCT1G08DCKT Datasheet
572Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08DCKT TI1-SN74AHCT1G08DCKT Datasheet
1Mb / 26P
[Old version datasheet]   Single 2-Input Positive-AND Gate
More results

Descripción similar - SN74AHCT1G08DCKT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
Texas Instruments
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08_07 Datasheet
597Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08-Q1 TI1-SN74LVC1G08-Q1 Datasheet
342Kb / 11P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHC1G08-Q1 TI-SN74AHC1G08-Q1 Datasheet
276Kb / 8P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_2 Datasheet
572Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74AHCT1G08 DIODES-74AHCT1G08 Datasheet
179Kb / 8P
   SINGLE 2 INPUT POSITIVE AND GATE
74LVCE1G08W5-7 DIODES-74LVCE1G08W5-7 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com