Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2051B-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2051B-Q1
Descripción Electrónicos  CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2051B-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2051B-Q1 Datasheet HTML 1Page - Texas Instruments TPS2051B-Q1 Datasheet HTML 2Page - Texas Instruments TPS2051B-Q1 Datasheet HTML 3Page - Texas Instruments TPS2051B-Q1 Datasheet HTML 4Page - Texas Instruments TPS2051B-Q1 Datasheet HTML 5Page - Texas Instruments TPS2051B-Q1 Datasheet HTML 6Page - Texas Instruments TPS2051B-Q1 Datasheet HTML 7Page - Texas Instruments TPS2051B-Q1 Datasheet HTML 8Page - Texas Instruments TPS2051B-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TPS2041B-Q1
TPS2042B-Q1
TPS2051B-Q1
SLVS782A – NOVEMBER 2007 – REVISED JUNE 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
over recommended operating junction temperature range, VI(IN) = 5.5 V, IO = 0.5 A, VI(ENx) = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX UNIT
Power Switch
Static drain-source on-state
resistance, 5-V or 3.3-V
VI(IN) = 5 V or 3.3 V, IO = 0.5 A
–40°C
≤ TJ ≤ 125°C
70
135
operation
rDS(on)
m
Static drain-source on-state
VI(IN) = 2.7 V, IO = 0.5 A
–40°C
≤ TJ ≤ 125°C
75
150
resistance, 2.7-V operation(2)
VI(IN) = 5.5 V
0.6
1.5
tr
Rise time, output(2)
VI(IN) = 2.7 V
0.4
1
CL = 1 mF,
TJ = 25°C
ms
RL = 10 Ω
VI(IN) = 5.5 V
0.05
0.5
tf
Fall time, output(2)
VI(IN) = 2.7 V
0.05
0.5
Enable Input (EN, ENx )
VIH
High-level input voltage
2.7 V
≤ VI(IN) ≤ 5.5 V
2
V
VIL
Low-level input voltage
2.7 V
≤ VI(IN) ≤ 5.5 V
0.8
V
II
Input current
VI( ENx ) = 0 V or 5.5 V
–0.5
0.5
mA
ton
Turn-on time(2)
CL = 100 mF, RL = 10 Ω
3
ms
toff
Turn-off time(2)
CL = 100 mF, RL = 10 Ω
10
ms
Current Limit
TJ = 25°C
0.65
1
1.25
VI(IN) = 5 V, OUT connected to GND,
IOS
Short-circuit output current
A
device enabled into short-circuit
–40°C
≤ TJ ≤ 125°C
0.6
1
1.3
Supply Current (TPS2041B/TPS2051B)
TJ = 25°C
0.5
1
No load on OUT,
Supply current, low-level output
mA
VI(EN) = 5.5 V or VI(EN) = 0 V
–40°C
≤ TJ ≤ 125°C
0.5
5
TJ = 25°C
43
60
No load on OUT,
Supply current, high-level output
mA
VI(EN) = 0 V or VI(EN) = 5.5 V
–40°C
≤ TJ ≤ 125°C
43
70
OUT connected to ground,
Leakage current
–40°C
≤ TJ ≤ 125°C
1
mA
VI(EN) = 5.5 V or VI(EN) = 0 V
Reverse leakage current
VI(OUTx) = 5.5 V, IN = ground
(2)
TJ = 25°C
0
mA
Supply Current (TPS2042B)
TJ = 25°C
0.5
1
Supply current, low-level output
No load on OUT, VI( ENx ) = 5.5 V
mA
–40°C
≤ TJ ≤ 125°C
0.5
5
TJ = 25°C
50
70
Supply current, high-level output
No load on OUT, VI( ENx ) = 0 V
mA
–40°C
≤ TJ ≤ 125°C
50
90
Leakage current
OUT connected to ground, VI( ENx ) = 5.5 V
–40°C
≤ TJ ≤ 125°C
1
mA
Reverse leakage current
VI(OUTx) = 5.5 V, IN = ground
(2)
TJ = 25°C
0.2
mA
Undervoltage Lockout
Low-level input voltage, IN, INx
2
2.5
V
Hysteresis, IN, INx
TJ = 25°C
75
mV
Overcurrent (OC, OCx )
Output low voltage, VOL(/OCx)
IO( OCx ) = 5 mA
0.4
V
Off-state current(2)
VO( OCx ) = 5 V or 3.3 V
1
mA
OC deglitch(2)
OCx assertion or deassertion
4
8
15
ms
Thermal Shutdown(3)
Thermal shutdown threshold(2)
135
°C
Recovery from thermal shutdown(2)
125
°C
Hysteresis(2)
10
°C
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be accounted for separately.
(2)
Specified by design
(3)
The thermal shutdown only reacts under overcurrent conditions.
4
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS2041B-Q1 TPS2042B-Q1 TPS2051B-Q1


Número de pieza similar - TPS2051B-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2051B-Q1 TI-TPS2051B-Q1 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2051B-Q1 TI-TPS2051B-Q1 Datasheet
648Kb / 30P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2051B-Q1 TI1-TPS2051B-Q1 Datasheet
1Mb / 59P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
More results

Descripción similar - TPS2051B-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com