Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40200D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS40200D
Descripción Electrónicos  WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40200D Datasheet(HTML) 1 Page - Texas Instruments

  TPS40200D Datasheet HTML 1Page - Texas Instruments TPS40200D Datasheet HTML 2Page - Texas Instruments TPS40200D Datasheet HTML 3Page - Texas Instruments TPS40200D Datasheet HTML 4Page - Texas Instruments TPS40200D Datasheet HTML 5Page - Texas Instruments TPS40200D Datasheet HTML 6Page - Texas Instruments TPS40200D Datasheet HTML 7Page - Texas Instruments TPS40200D Datasheet HTML 8Page - Texas Instruments TPS40200D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
TYPICAL APPLICATION
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
LoadCurrent- A
V
=8V
V
=12V
V
=16V
IN
IN
IN
V
=5V
OUT
1
2
3
4
8
7
6
5
VDD
ISNS
GDRV
GND
RC
SS
COMP
FB
TPS40200
R
SENSE
V
IN
V
OUT
R1
R2
L1
C2
D1
C1
C3
C4
C5
C6
R4
R3
R5
Q1
TPS40200
www.ti.com ........................................................................................................................................ SLUS659D – FEBRUARY 2006 – REVISED NOVEMBER 2008
WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
• Input Voltage Range 4.5 to 52 V
• Output Voltage (700 mV to 90% V
IN)
The
TPS40200
is
a
flexible
non-synchronous
controller with a built in 200-mA driver for P-channel
• 200 mA Internal P-Channel FET Driver
FETs. The circuit operates with inputs up to 52 V with
• Voltage Feed-Forward Compensation
a power-saving feature that turns off driver current
• Undervoltage Lockout
once the external FET has been fully turned on. This
feature extends the flexibility of the device, allowing it
• Programmable Fixed Frequency (35–500 kHz)
to operate with an input voltage up to 52 V without
Operation
dissipating excessive power. The circuit operates with
• Programmable Short Circuit Protection
voltage-mode
feedback
and
has
feed-forward
• Hiccup Overcurrent Fault Recovery
input-voltage compensation that responds instantly to
input voltage change. The integral 700-mV reference
• Programmable Closed Loop Soft Start
is trimmed to 2%, providing the means to accurately
• 700 mV 1% Reference Voltage
control low voltages. The TPS40200 is available in
• External Synchronization
and 8-pin SOIC and an 8-pin QFN package and
supports many of the features of more complex
• Small 8-Pin SOIC (D) and QFN (DRB) Packages
controllers.
Clock
frequency,
soft-start,
and
overcurrent limit are each easily programmed by a
single,
external
component.
The
part
has
• Industrial Control
undervoltage lockout, and can be easily synchronized
• Distributed Power Systems
to other controllers or a system clock to satisfy
• DSL/Cable Modems
sequencing and/or noise-reduction requirements.
• Scanners
Major sections in this data sheet include:
• Telecom
• Specifications
• General Information
• Example Applications
• Design References
Figure 1. 12 V to 5 V Buck Converter with 94% Efficiency
Figure 2. Typical Efficiency of Application Circuit 1
(described in Application 1)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS40200D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40200D TI-TPS40200D Datasheet
2Mb / 39P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200D TI-TPS40200D Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200D TI1-TPS40200D Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200DG4 TI-TPS40200DG4 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200DG4 TI1-TPS40200DG4 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
More results

Descripción similar - TPS40200D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40200 TI-TPS40200 Datasheet
2Mb / 39P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI1-TPS40200_16 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200 TI-TPS40200_15 Datasheet
1Mb / 49P
[Old version datasheet]   TPS40200 Wide Input Range Non-Synchronous Voltage Mode Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI1-LM5088_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
Global Mixed-mode Techn...
G5212 GMT-G5212 Datasheet
72Kb / 1P
   Wide Input Range Synchronous Buck DCDC Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com