Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS78001DDCTG4 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS78001DDCTG4
Descripción Electrónicos  150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS78001DDCTG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS78001DDCTG4 Datasheet HTML 1Page - Texas Instruments TPS78001DDCTG4 Datasheet HTML 2Page - Texas Instruments TPS78001DDCTG4 Datasheet HTML 3Page - Texas Instruments TPS78001DDCTG4 Datasheet HTML 4Page - Texas Instruments TPS78001DDCTG4 Datasheet HTML 5Page - Texas Instruments TPS78001DDCTG4 Datasheet HTML 6Page - Texas Instruments TPS78001DDCTG4 Datasheet HTML 7Page - Texas Instruments TPS78001DDCTG4 Datasheet HTML 8Page - Texas Instruments TPS78001DDCTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
TPS780DDC
TSOT23-5
(TOPVIEW)
OUT
V
/FB
SET
IN
GND
EN
1
2
3
5
4
TPS780DRV
2mmx2mmSON-6
(TOPVIEW)
IN
GND
EN
6
5
4
OUT
N/C
V
FB
/
SET
1
2
3
Thermal
Pad
TPS780 Series
www.ti.com ....................................................................................................................................................... SBVS083C – JANUARY 2007 – REVISED MAY 2008
150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA
with Pin-Selectable, Dual-Level Output Voltage
The VSET pin allows the end user to switch between
two
voltage
levels
on-the-fly
through
a
2
• Low I
Q: 500nA
microprocessor-compatible
input.
This
LDO
is
• 150mA, Low-Dropout Regulator with
designed specifically for battery-powered applications
Pin-Selectable Dual Voltage Level Output
where dual-level voltages are needed. With ultralow
IQ (500nA), microprocessors, memory cards, and
• Low Dropout: 200mV at 150mA
smoke detectors are ideal applications for this device.
• 3% Accuracy Over Load/Line/Temperature
The ultralow-power and selectable dual-level output
• Available in Dual-Level, Fixed Output Voltages
voltages
allow
designers
to
customize
power
from 1.5V to 4.2V Using Innovative Factory
consumption for specific applications. Designers can
EPROM Programming
now shift to a lower voltage level in a battery-powered
• Available in an Adjustable Version from 1.22V
design when the microprocessor is in sleep mode,
to 5.25V or a Dual-Level Output Version
further reducing overall system power consumption.
The two voltage levels are preset at the factory
• V
SET Pin Toggles Output Voltage Between Two
through a unique architecture using an EPROM. The
Factory-Programmed Voltage Levels
EPROM
technique
allows
for
numerous
output
• Stable with a 1.0µF Ceramic Capacitor
voltage options between VSET low (1.5V to 4.2V) and
• Thermal Shutdown and Overcurrent Protection
VSET high (2.0V to 3.0V) in the fixed output version
only. Consult with your local factory representative for
• CMOS Logic Level-Compatible Enable Pin
exact voltage options and ordering information;
• Available in DDC (TSOT23-5) or DRV (2mm ×
minimum order quantities may apply.
2mm SON-6) Package Options
The TPS780 series are designed to be compatible
with the TI MSP430 and other similar products. The
enable pin is compatible with standard CMOS logic.
• TI MSP430 Attach Applications
This LDO is stable with any output capacitor greater
• Power Rails with Programming Mode
than 1.0
µF. Therefore, implementations of this device
• Dual Voltage Levels for Power-Saving Mode
require minimal board space because of miniaturized
• Wireless Handsets, Smartphones, PDAs, MP3
packaging and a potentially small output capacitor.
Players, and Other Battery-Operated Handheld
The TPS780 series IQ (500nA) also come with
Products
thermal shutdown and current limit to protect the
device during fault conditions. All packages have an
operating temperature range of TJ = –40°C to
+125
°C. For
more
cost-sensitive
applications
The TPS780 family of low-dropout (LDO) regulators
requiring a dual-level voltage option and only on par
offer the benefits of ultralow power (IQ = 500nA),
IQ, consider the TPS781 series, with an IQ of 1.0µA
miniaturized packaging (2
×2 SON-6), and selectable
and dynamic voltage scaling.
dual-level output voltage levels. An adjustable version
is also available, but does not have the capability to
shift voltage levels.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS78001DDCTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS78001DDCTG4 TI-TPS78001DDCTG4 Datasheet
872Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS78001DDCTG4 TI-TPS78001DDCTG4 Datasheet
859Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS78001DDCTG4 TI1-TPS78001DDCTG4 Datasheet
1Mb / 37P
[Old version datasheet]   150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable, Dual-Level Output Voltage
More results

Descripción similar - TPS78001DDCTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS780 TI-TPS780_10 Datasheet
859Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780 Datasheet
896Kb / 24P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780_0805 TI-TPS780_0805 Datasheet
872Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS78101 TI1-TPS78101 Datasheet
921Kb / 26P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS781 TI1-TPS781_16 Datasheet
1Mb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS781 TI-TPS781_15 Datasheet
1Mb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI1-TPS780_16 Datasheet
1Mb / 37P
[Old version datasheet]   150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS780xx 150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable,Dual-Level Output Voltage
TPS728XX TI1-TPS728XX_18 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX_09 Datasheet
1Mb / 23P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com