Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK9Y07-30B Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza BUK9Y07-30B
Descripción Electrónicos  N-channel TrenchMOS logic level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK9Y07-30B Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUK9Y07-30B Datasheet HTML 3Page - NXP Semiconductors BUK9Y07-30B Datasheet HTML 4Page - NXP Semiconductors BUK9Y07-30B Datasheet HTML 5Page - NXP Semiconductors BUK9Y07-30B Datasheet HTML 6Page - NXP Semiconductors BUK9Y07-30B Datasheet HTML 7Page - NXP Semiconductors BUK9Y07-30B Datasheet HTML 8Page - NXP Semiconductors BUK9Y07-30B Datasheet HTML 9Page - NXP Semiconductors BUK9Y07-30B Datasheet HTML 10Page - NXP Semiconductors BUK9Y07-30B Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
BUK9Y07-30B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 7 April 2010
7 of 14
NXP Semiconductors
BUK9Y07-30B
N-channel TrenchMOS logic level FET
Fig 6.
Output characteristics: drain current as a
function of drain-source voltage; typical values.
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values.
Fig 8.
Forward transconductance as a function of
drain current; typical values.
Fig 9.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values.
003aad489
0
20
40
60
80
012
345
VDS (V)
ID
(A)
2.9
VGS (V) =
2.8
5
2.6
2.4
2.2
10
003aad490
0
10
20
30
40
0
2040
6080
ID (A)
RDSon
(m
Ω)
5
2.4
2.8
2.2
2.9
10
2.6
VGS (V) =
003aad491
20
40
60
80
100
0
20
406080
ID (A)
gfs
(S)
003aad554
0
20
40
60
80
01
23
4
VGS (V)
ID
(A)
Tj = 175
°C
25
°C


Número de pieza similar - BUK9Y07-30B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
BUK9Y07-30B NEXPERIA-BUK9Y07-30B Datasheet
978Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 03 - 7 April 2010
logo
NXP Semiconductors
BUK9Y07-30B PHILIPS-BUK9Y07-30B_15 Datasheet
371Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 03-7 April 2010
More results

Descripción similar - BUK9Y07-30B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com