Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC1403D160 Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza DAC1403D160
Descripción Electrónicos  Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1403D160 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button DAC1403D160 Datasheet HTML 2Page - NXP Semiconductors DAC1403D160 Datasheet HTML 3Page - NXP Semiconductors DAC1403D160 Datasheet HTML 4Page - NXP Semiconductors DAC1403D160 Datasheet HTML 5Page - NXP Semiconductors DAC1403D160 Datasheet HTML 6Page - NXP Semiconductors DAC1403D160 Datasheet HTML 7Page - NXP Semiconductors DAC1403D160 Datasheet HTML 8Page - NXP Semiconductors DAC1403D160 Datasheet HTML 9Page - NXP Semiconductors DAC1403D160 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
DAC1403D160_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 14 August 2008
6 of 19
NXP Semiconductors
DAC1403D160
Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
7.
Functional description
The Digital-to-Analog Converter (DAC) is a segmented architecture composed of a 7-bit
thermometer sub-DAC and the remaining 7-bit in a binary weighted sub-DAC.
The device produces two complementary current outputs on both channels, respectively
pins IOUT/IOUTN and QOUT/QOUTN which need to be connected via a load resistor to
the ground.
Figure 3 shows the equivalent analog output circuit of one DAC, which consists of a
parallel combination of PMOS current sources and associated switches for each segment.
The cascade source configuration enables the increasing of the output impedance of the
source and set to improve the dynamic performance of the DAC by introducing less
distortion.
Figure 4 shows the internal reference configuration. In this case the bias current is given
by the output of the internal regulator connected to the inverting input of the internal
operational amplifiers, while external resistors RI and RQ are connected respectively to
pins IVIRES and QVIRES. Thus the output current of the two DACs is typically fixed to
20 mA with an appropriate choice of these resistors. This configuration is optimal for
temperature drift compensation because the band gap can be matched with the voltage
on the feedback resistors.
The relation between full-scale output current IO(fs) and the RI (RQ) is:
The output current can also be adjusted by imposing an external reference voltage to the
inverting input pin GAPOUT and disabling the internal band gap with pin GAPD set to
HIGH. At a voltage lower than 1.2 V the current can be set at values lower than 20 mA.
The input references at pins IVIRES and QVIRES may also be driven by separate
reference voltages to adjust independently the two DAC currents.
R
I
2048
V
GAPOUT
×
82
I
Ofs
()
×
------------------------------------------
=
Fig 3.
Equivalent analog output circuit
Fig 4.
Internal reference configuration
014aaa514
AGND
RL
RL
AGND
IOUT/QOUT
IOUTN/QOUTN
DAC1403D160
014aaa515
QVIRES
IVIRES
GAPOUT
AGND
GAPD
INTERNAL
BAND GAP
I DAC current
sources array
DAC1403D160
Q DAC current
sources array
RI
RQ


Número de pieza similar - DAC1403D160

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
DAC1403D160 IDT-DAC1403D160 Datasheet
439Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
logo
Renesas Technology Corp
DAC1403D160 RENESAS-DAC1403D160 Datasheet
442Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
Integrated Device Techn...
DAC1403D160HW IDT-DAC1403D160HW Datasheet
439Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
More results

Descripción similar - DAC1403D160

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
DAC1403D160 RENESAS-DAC1403D160 Datasheet
442Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
Integrated Device Techn...
DAC1403D160 IDT-DAC1403D160 Datasheet
439Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
logo
NXP Semiconductors
DAC1203D160 NXP-DAC1203D160 Datasheet
120Kb / 19P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Integrated Device Techn...
DAC1203D160 IDT-DAC1203D160 Datasheet
434Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
logo
Renesas Technology Corp
DAC1203D160 RENESAS-DAC1203D160 Datasheet
438Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1003D160 NXP-DAC1003D160 Datasheet
120Kb / 19P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
Rev. 02-13 August 2008
logo
Renesas Technology Corp
DAC1003D160 RENESAS-DAC1003D160 Datasheet
437Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
2 July 2012
logo
Integrated Device Techn...
DAC1003D160 IDT-DAC1003D160 Datasheet
433Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
logo
NXP Semiconductors
TDA9935 NXP-TDA9935 Datasheet
109Kb / 18P
   Dual 14-bit, up to 160 Msample/s, 2 쨈 interpolating Digital-to-Analog Converter (DAC)
Rev. 04-17 September 2007
DAC1408D650_1008 NXP-DAC1408D650_1008 Datasheet
2Mb / 98P
   Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
Rev. 02-11 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com