Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC1403D160 Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza DAC1403D160
Descripción Electrónicos  Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1403D160 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button DAC1403D160 Datasheet HTML 6Page - NXP Semiconductors DAC1403D160 Datasheet HTML 7Page - NXP Semiconductors DAC1403D160 Datasheet HTML 8Page - NXP Semiconductors DAC1403D160 Datasheet HTML 9Page - NXP Semiconductors DAC1403D160 Datasheet HTML 10Page - NXP Semiconductors DAC1403D160 Datasheet HTML 11Page - NXP Semiconductors DAC1403D160 Datasheet HTML 12Page - NXP Semiconductors DAC1403D160 Datasheet HTML 13Page - NXP Semiconductors DAC1403D160 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
DAC1403D160_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 14 August 2008
10 of 19
NXP Semiconductors
DAC1403D160
Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
[1]
Guaranteed by design.
Signal-to-noise ratio
S/N
signal-to-noise ratio
fclk = 80 MHz; BW = Nyquist
fo = 2.5 MHz
-
80
-
dBc
fo = 5 MHz
70
80
-
dBc
fo = 19 MHz
-
78
-
dBc
ACPR
adjacent channel power
ratio
baseband; 5 MHz channel spacing; BW = 3.84 MHz
fo = 2.5 MHz
-
69
-
dBc
fo = 20 MHz
-
71
-
dBc
Table 5.
Characteristics …continued
VCCD =VCCA = 3.0 V to 3.6 V; AGND and DGND connected together; Tamb = −40 °C to +85 °C; typical values measured at
VCCD =VCCA = 3.3 V, IO(fs) = 20 mA and Tamb =25 °C; dynamic parameters measured using output schematic given in
Figure 10; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 6.
Band gap
Band gap disable (GAPD)
Band gap input/output (GAPOUT)
Internal band gap
LOW
output (VGAPOUT = 1.2 V)
enable
HIGH
input
disable
Fig 5.
Input timing diagram
014aaa511
Q0 to Q13
tsu(i)
th(i)
CLKN
CLK
IOUT/IOUTN,
QOUT/QOUTN
50 %
I0 to I13,


Número de pieza similar - DAC1403D160

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
DAC1403D160 IDT-DAC1403D160 Datasheet
439Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
logo
Renesas Technology Corp
DAC1403D160 RENESAS-DAC1403D160 Datasheet
442Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
Integrated Device Techn...
DAC1403D160HW IDT-DAC1403D160HW Datasheet
439Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
More results

Descripción similar - DAC1403D160

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
DAC1403D160 RENESAS-DAC1403D160 Datasheet
442Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
Integrated Device Techn...
DAC1403D160 IDT-DAC1403D160 Datasheet
439Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
logo
NXP Semiconductors
DAC1203D160 NXP-DAC1203D160 Datasheet
120Kb / 19P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Integrated Device Techn...
DAC1203D160 IDT-DAC1203D160 Datasheet
434Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
logo
Renesas Technology Corp
DAC1203D160 RENESAS-DAC1203D160 Datasheet
438Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1003D160 NXP-DAC1003D160 Datasheet
120Kb / 19P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
Rev. 02-13 August 2008
logo
Renesas Technology Corp
DAC1003D160 RENESAS-DAC1003D160 Datasheet
437Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
2 July 2012
logo
Integrated Device Techn...
DAC1003D160 IDT-DAC1003D160 Datasheet
433Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
logo
NXP Semiconductors
TDA9935 NXP-TDA9935 Datasheet
109Kb / 18P
   Dual 14-bit, up to 160 Msample/s, 2 쨈 interpolating Digital-to-Analog Converter (DAC)
Rev. 04-17 September 2007
DAC1408D650_1008 NXP-DAC1408D650_1008 Datasheet
2Mb / 98P
   Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
Rev. 02-11 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com