Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS6424IRGC25 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza ADS6424IRGC25
Descripción Electrónicos  QUAD CHANNEL, 12-BIT, 105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS6424IRGC25 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS6424IRGC25 Datasheet HTML 4Page - Texas Instruments ADS6424IRGC25 Datasheet HTML 5Page - Texas Instruments ADS6424IRGC25 Datasheet HTML 6Page - Texas Instruments ADS6424IRGC25 Datasheet HTML 7Page - Texas Instruments ADS6424IRGC25 Datasheet HTML 8Page - Texas Instruments ADS6424IRGC25 Datasheet HTML 9Page - Texas Instruments ADS6424IRGC25 Datasheet HTML 10Page - Texas Instruments ADS6424IRGC25 Datasheet HTML 11Page - Texas Instruments ADS6424IRGC25 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
www.ti.com
ADS6424
ADS6423
ADS6422
SLAS532A – MAY 2007 – REVISED JUNE 2007
ELECTRICAL CHARACTERISTICS (continued)
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD =
LVDD = 3.3 V, maximum rated sampling frequency, 50% clock duty cycle, –1dBFS differential analog input, internal reference
mode (unless otherwise noted).
ADS6424
ADS6423
ADS6422
Fs = 105 MSPS
Fs = 80 MSPS
Fs = 65 MSPS
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP MAX
Fin = 10 MHz
94
96
97
Fin = 50 MHz
88
76
90
76
92
Fin = 70 MHz
73
88
90
92
Fin = 100 MHz
90
87
87
0 dB gain
84
86
86
HD2
dBc
3.5 dB
86
88
88
Fin = 170 MHz
Second harmonic
Coarse
gain
0 dB gain
81
82
83
3.5 dB
83
84
85
Fin = 230 MHz
Coarse
gain
Fin = 10 MHz
91
91
93
Fin = 50 MHz
80
76
87
76
88
Fin = 70 MHz
73
81
86
86
Fin = 100 MHz
85
85
83
0 dB gain
78
79
80
HD3
dBc
3.5 dB
82
82
83
Fin = 170 MHz
Third harmonic
Coarse
gain
0 dB gain
76
77
78
3.5 dB
79
80
81
Fin = 230 MHz
Coarse
gain
Fin = 10 MHz
95
96
98
Fin = 50 MHz
94
95
95
Worst harmonic
Fin = 70 MHz
94
95
95
(other than HD2,
dBc
Fin = 100 MHz
92
93
93
HD3)
Fin = 170 MHz
89
90
90
Fin = 230 MHz
86
87
87
Fin = 10 MHz
89.5
89.5
91
Fin = 50 MHz
78.5
74
85.5
74
86
THD
Fin = 70 MHz
70
Total harmonic
dBc
Fin = 100 MHz
84
83
80.5
distortion
Fin = 170 MHz
76
77.5
78.5
Fin = 230 MHz
74
75.5
76.5
ENOB
Fin = 50 MHz
10.9
11.5
10.9
11.5
Effective number of
Bits
10.8
11.4
Fin = 70 MHz
bits
F1= 46.09 MHz, F2 = 50.09
90
94
97.5
IMD
MHz
2-Tone
dBFS
intermodulation
F1= 185.09 MHz, F2 =
88
92
96
distortion
190.09 MHz
8
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): ADS6424 ADS6423 ADS6422


Número de pieza similar - ADS6424IRGC25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ADS6424 STMICROELECTRONICS-ADS6424 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
More results

Descripción similar - ADS6424IRGC25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS6225 TI-ADS6225 Datasheet
3Mb / 75P
[Old version datasheet]   DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI1-ADS6445_14 Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6445 TI-ADS6445_10 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6425 TI-ADS6425 Datasheet
1Mb / 56P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6425 TI1-ADS6425_14 Datasheet
2Mb / 60P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
logo
Integrated Device Techn...
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1213D IDT-ADC1213D Datasheet
595Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com