Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC4051-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HC4051-Q1
Descripción Electrónicos  ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4051-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC4051-Q1 Datasheet HTML 1Page - Texas Instruments CD74HC4051-Q1 Datasheet HTML 2Page - Texas Instruments CD74HC4051-Q1 Datasheet HTML 3Page - Texas Instruments CD74HC4051-Q1 Datasheet HTML 4Page - Texas Instruments CD74HC4051-Q1 Datasheet HTML 5Page - Texas Instruments CD74HC4051-Q1 Datasheet HTML 6Page - Texas Instruments CD74HC4051-Q1 Datasheet HTML 7Page - Texas Instruments CD74HC4051-Q1 Datasheet HTML 8Page - Texas Instruments CD74HC4051-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CD74HC4051-Q1
ANALOG MULTIPLEXER/DEMULTIPLEXER
SCLS552A − DECEMBER 2003 − REVISED APRIL 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D Wide Analog Input Voltage Range of
±5 V Max
D Low ON Resistance
− 70
Ω Typical (VCC − VEE = 4.5 V)
− 40
Ω Typical (VCC − VEE = 9 V)
D Low Crosstalk Between Switches
D Fast Switching and Propagation Speeds
D Break-Before-Make Switching
D Operation Control Voltage = 2 V to 6 V
D Switch Voltage = 0 V to 10 V
D High Noise Immunity N
IL = 30%, NIH = 30%
of VCC, VCC = 5 V
description/ordering information
This device is a digitally controlled analog switch that
utilizes silicon-gate CMOS technology to achieve
operating speeds similar to LSTTL, with the low
power consumption of standard CMOS integrated
circuits.
This analog multiplexer/demultiplexer controls analog voltages that may vary across the voltage supply range
(i.e., VCC to VEE). These bidirectional switches allow any analog input to be used as an output and vice versa.
The switches have low ON resistance and low OFF leakages. In addition, the device has an enable control (E)
that, when high, disables all switches to their OFF state.
ORDERING INFORMATION{
TA
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
40
°Cto125°C
SOIC − M
Tape and reel
CD74HC4051QM96Q1
HC4051Q
−40
°C to 125°C
TSSOP − PW
Tape and reel
CD74HC4051QPWRQ1
HJ4051Q
For the most current package and ordering information, see the Package Option Addendum at the
end of this document, or see the TI web site at http://www.ti.com.
Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
Copyright
 2008, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
M OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CHANNEL I/O A4
CHANNEL I/O A6
COM OUT/IN A
CHANNEL I/O A7
CHANNEL I/O A5
E
VEE
GND
VCC
CHANNEL I/O A2
CHANNEL I/O A1
CHANNEL I/O A0
CHANNEL I/O A3
ADDRESS SEL S0
ADDRESS SEL S1
ADDRESS SEL S2


Número de pieza similar - CD74HC4051-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4051-Q1 TI-CD74HC4051-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
REVISED MAY 2019
More results

Descripción similar - CD74HC4051-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com