Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC4051QM96Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HC4051QM96Q1
Descripción Electrónicos  ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4051QM96Q1 Datasheet(HTML) 4 Page - Texas Instruments

  CD74HC4051QM96Q1 Datasheet HTML 1Page - Texas Instruments CD74HC4051QM96Q1 Datasheet HTML 2Page - Texas Instruments CD74HC4051QM96Q1 Datasheet HTML 3Page - Texas Instruments CD74HC4051QM96Q1 Datasheet HTML 4Page - Texas Instruments CD74HC4051QM96Q1 Datasheet HTML 5Page - Texas Instruments CD74HC4051QM96Q1 Datasheet HTML 6Page - Texas Instruments CD74HC4051QM96Q1 Datasheet HTML 7Page - Texas Instruments CD74HC4051QM96Q1 Datasheet HTML 8Page - Texas Instruments CD74HC4051QM96Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CD74HC4051-Q1
ANALOG MULTIPLEXER/DEMULTIPLEXER
SCLS552A − DECEMBER 2003 − REVISED APRIL 2008
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating area as a function of supply voltages
Figure 1
(VCC − VEE) − V
HCT
8
6
4
2
0
02
4
6
8
10
12
HC
Figure 2
(VEE − GND) − V
HCT
8
6
4
2
0
0−2
−4
−6
−8
HC
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VEE
VCC
TA = 25°C
TA = −40°C
TO 125
°C
UNIT
PARAMETER
TEST CONDITIONS
VEE
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
0 V
4.5 V
70
160
240
VIS = VCC or VEE
0 V
6 V
60
140
210
r
IO = 1 mA,
V
V
or V
VIS
VCC or VEE
−4.5 V
4.5 V
40
120
180
ron
VI = VIH or VIL,
See Figure 8
0 V
4.5 V
90
180
270
See Figure 8
VIS = VCC to VEE
0 V
6 V
80
160
240
VIS
VCC to VEE
−4.5 V
4.5 V
45
130
195
0 V
4.5 V
10
∆ron
Between any two channels
0 V
6 V
8.5
∆ron
Between any two channels
−4.5 V
4.5 V
5
I
For switch OFF:
When VIS = VCC, VOS = VEE;
When VIS = VEE, VOS = VCC
For switch ON:
0 V
6 V
±0.2
±2
A
IIZ
For switch ON:
All applicable combinations of VIS and VOS
voltage levels,
VI = VIH or VIL
−5 V
5 V
±0.4
±4
µA
IIL
VI = VCC or GND
0 V
6 V
±0.1
±1
µA
I
IO = 0,
When VIS = VEE,
VOS = VCC
0 V
6 V
8
160
µA
ICC
IO = 0,
VI = VCC or GND
When VIS = VCC,
VOS = VEE
−5 V
5 V
16
320
µA


Número de pieza similar - CD74HC4051QM96Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4051 TI-CD74HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4051 TI-CD74HC4051 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4051 TI-CD74HC4051 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4051 TI-CD74HC4051 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4051 TI-CD74HC4051 Datasheet
1Mb / 49P
[Old version datasheet]   CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
REVISED MAY 2019
More results

Descripción similar - CD74HC4051QM96Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com