Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS79525DCQR Datasheet(PDF) 5 Page - Texas Instruments |
|
|
TPS79525DCQR Datasheet(HTML) 5 Page - Texas Instruments |
5 / 23 page www.ti.com TYPICAL CHARACTERISTICS 2.98 2.99 3 3.01 3.02 0 0.1 0.2 0.3 0.4 0.5 IOUT (mA) −40 −25 −10 5 20 35 50 65 80 95 110 125 TJ (°C) IOUT = 1 mA VIN = 4 V COUT = 10 µF IOUT = 0.5 A 260 262 264 266 268 270 272 274 276 −40 −25 −10 5 20 35 50 65 80 95 110 125 TJ (°C) IOUT = 0.5 A IOUT = 1 mA VIN = 4 V COUT = 10 µF 2.97 2.975 2.98 2.985 2.99 2.995 3 3.005 0 0.1 0.2 0.3 0.4 0.5 100 1 k 10 k 100 k Frequency (Hz) IOUT = 1 mA VIN = 5.5 V COUT = 2.2 µF CNR = 0.1 µF IOUT = 0.5 A 100 1 k 10 k 100 k Frequency (Hz) VIN = 5.5 V IOUT = 500 mA COUT= 10 µF CNR = 0.1 µF CNR = 0.001 µF CNR = 0.0047 µF CNR = 0.01 µF 0 0.5 1 1.5 2 2.5 0 0.1 0.2 0.3 0.4 0.5 0.6 100 1 k 10 k 100 k Frequency (Hz) IOUT = 1 mA IOUT = 0.5 A VIN = 5.5 V COUT = 10 µF CNR = 0.1 µF −40 −25 −10 5 20 35 50 65 80 95 110 125 VIN = 2.9 V COUT = 10 µF IOUT = 500 mA TJ (°C) 25 50 75 100 125 150 175 0 0 10 20 30 40 50 0.001 0.0047 0.01 0.1 CNR (µF) IOUT = 500 mA COUT= 10 µF BW = 100 Hz to 100 kHz 0 10 20 30 40 50 60 70 80 1 10 100 1 k 10 k 100 k 1 M 10 M IOUT = 1 mA VIN = 4 V COUT = 10 µF CNR = 0.1 µF IOUT = 500 mA Frequency (Hz) TPS795xx SLVS350G – OCTOBER 2002 – REVISED JULY 2006 TPS79530 TPS79530 TPS79530 OUTPUT VOLTAGE OUTPUT VOLTAGE GROUND CURRENT vs OUTPUT CURRENT vs JUNCTION TEMPERATURE vs JUNCTION TEMPERATURE Figure 1. Figure 2. Figure 3. TPS79530 TPS79530 TPS79530 OUTPUT SPECTRAL OUTPUT SPECTRAL OUTPUT SPECTRAL NOISE DENSITY NOISE DENSITY NOISE DENSITY vs FREQUENCY vs FREQUENCY vs FREQUENCY Figure 4. Figure 5. Figure 6. TPS79530 TPS79530 TPS79530 ROOT MEAN SQUARED DROPOUT VOLTAGE RIPPLE REJECTION OUTPUT NOISE vs CNR vs JUNCTION TEMPERATURE vs FREQUENCY Figure 7. Figure 8. Figure 9. 5 Submit Documentation Feedback |
Número de pieza similar - TPS79525DCQR |
|
Descripción similar - TPS79525DCQR |