Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC9S08SF4MTJ Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

No. de pieza MC9S08SF4MTJ
Descripción Electrónicos  Technical Data
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SF4MTJ Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC9S08SF4MTJ Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08SF4MTJ Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08SF4MTJ Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08SF4MTJ Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08SF4MTJ Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08SF4MTJ Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08SF4MTJ Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08SF4MTJ Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08SF4MTJ Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
MC9S08SF4 Series MCU Data Sheet, Rev. 2
Freescale Semiconductor
3
1
MCU Block Diagram
The block diagram, Figure 1, shows the structure of the MC9S08SF4 MCU.
Figure 1. MC9S08SF4 Series Block Diagram
2
Pin Assignments
This section shows the pin assignments for the MC9S08SF4 series devices.
USER Flash
USER RAM
HCS08 CORE
CPU
BDC
6-CH TIMER/PWM
MODULE (TPM1)
HCS08 SYSTEM CONTROL
RESETS AND INTERRUPTS
MODES OF OPERATION
POWER MANAGEMENT
VOLTAGE REGULATOR
40 MHz INTERNAL CLOCK
SOURCE (ICS)
ANALOG-TO-DIGITAL
CONVERTER(ADC)
8-CH 10-BIT
COP
WAKEUP
LVD
1-CH TIMER/PWM
MODULE (TPM2)
ADP[5:0]
VDD
VSS
128 BYTES
4096 BYTES
RESET
IRQ
16-BIT MODULO TIMER
(MTIM16-2)
16-BIT MODULO TIMER
(MTIM16-1)
PULSE WIDTH TIMER
(PWT1)
PULSE WIDTH TIMER
(PWT2)
ADP[6:7]
PWTI1
PWTI2
PTA0/KBI0/TCLK/IRQ
PTA1/KBI1/RESET
PTA2/KBI2/TPM1C0/FDSOUT0
PTA3/KBI3/TPM1C1/FDSOUT1
PTA4/TPM1C2/FDSOUT2
PTA5/TPM1C3/FDSOUT3
PTA6/TPM1C4/FDSOUT4
PTA7/TPM1C5/FDSOUT5
TPM1C[5:0]
IRQ
PTB0/TPM2C0/FDSOUT6
PTB1/PWTI1/ADC0
PTB2/PWTI2/ADC1
PTB3/ACMP3/ADC2
PTB4/ACMP2/ADC3
PTB5/ACMP1/ADC4
PTB6/ACMP0/ADC5
PTB7/BKGD/MS
TPM2C0
ANALOG COMPARATOR
(PRACMP2)
ANALOG COMPARATOR
(PRACMP1)
SCL
SDA
4-PIN KEYBOARD
(KBI)
KBI[3:0]
PTC0/ADC6/SCL
PTC1/ADC7/SDA
INTER-INTERGRATED
(IIC)
INTERRUPT PRIORITY
(IPC)
FAULT DETECTION
(FDS)
= Not Available in 16-pin TSSOP package
DEBUG MODULE
(DBG)
ACMP3
ACMP2
ACMP1
ACMP0
FDSOUT[6:0]
TCLK
TCLK
TCLK
TCLK
TCLK
TCLK
ACMP3
ACMP2
ACMP1
ACMP0
CONTROLLER
INTERRUPT
& SHUTDOWN
CIRCUIT


Número de pieza similar - MC9S08SF4MTJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC9S08SC4 FREESCALE-MC9S08SC4 Datasheet
638Kb / 31P
   MC9S08SC4 8-Bit Microcontroller Data Sheet
logo
NXP Semiconductors
MC9S08SC4 NXP-MC9S08SC4 Datasheet
746Kb / 31P
   MC9S08SC4 8-Bit Microcontroller Data Sheet
Rev. 4, 6/2010
MC9S08SE4 NXP-MC9S08SE4 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08SE4CTG FREESCALE-MC9S08SE4CTG Datasheet
200Kb / 2P
   MC9S08SE8/4 Do more with less
MC9S08SE4CWL FREESCALE-MC9S08SE4CWL Datasheet
200Kb / 2P
   MC9S08SE8/4 Do more with less
More results

Descripción similar - MC9S08SF4MTJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
   TECHNICAL DATA
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
   Technical Data
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
   Technical Data
logo
Freescale Semiconductor...
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
   Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
   Technical Data
MC9S08LL64 FREESCALE-MC9S08LL64 Datasheet
884Kb / 44P
   Technical Data
MC68HC705J1A FREESCALE-MC68HC705J1A_13 Datasheet
1Mb / 162P
   Technical Data
logo
KODENSHI_AUK CORP.
KK2814 KODENSHI-KK2814 Datasheet
123Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MPC5200BDS FREESCALE-MPC5200BDS Datasheet
977Kb / 72P
   Technical Data
logo
Motorola, Inc
BD185 MOTOROLA-BD185 Datasheet
108Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MC68HC05C9 FREESCALE-MC68HC05C9 Datasheet
9Mb / 156P
   TECHNICAL DATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com