Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMD150F Datasheet(PDF) 1 Page - Tyco Electronics

No. de pieza SMD150F
Descripción Electrónicos  PolySwitch Resettable Devices Surface-mount Devices
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

SMD150F Datasheet(HTML) 1 Page - Tyco Electronics

  SMD150F Datasheet HTML 1Page - Tyco Electronics SMD150F Datasheet HTML 2Page - Tyco Electronics SMD150F Datasheet HTML 3Page - Tyco Electronics SMD150F Datasheet HTML 4Page - Tyco Electronics SMD150F Datasheet HTML 5Page - Tyco Electronics SMD150F Datasheet HTML 6Page - Tyco Electronics SMD150F Datasheet HTML 7Page - Tyco Electronics SMD150F Datasheet HTML 8Page - Tyco Electronics SMD150F Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
131
15
• Smaller size saves board space and cost
• Many product choices give engineers more design
flexibility
• Compatible with high-volume electronics assembly
• Assists in meeting regulatory requirements
• Higher voltage ratings allow use in new applications
• RoHS compliant
• Broadest range of resettable devices available in the
industry
• Current ratings from 0.05 to 3A
• Voltage ratings from 6V computer and electronic
applications to 60V telecom applications
• Agency recognition: UL, CSA, TÜV
• Small footprint
• Fast time-to-trip
• Low resistance
• Computer
• Portable electronics
• Multimedia
Benefits
Features
Applications
• Game machines
• Telephony and broadband
• Mobile phones
• Automotive
• Industrial controls
• Battery
PolySwitch surface-mount devices are the preferred
circuit protection method for computer, consumer,
multimedia,
portable,
and
automotive
electronics
applications.
In an effort to reduce the size and cost of surface mount
devices, we introduced the miniSMD product series in
1995.
Subsequently,
we
developed
the
microSMD,
nanoSMD and picoSMD family of products. The picoSMD
series reduced the device size to a 2012mm (0805 mils)
foot print, one fourth the size of the popular miniSMD
series.
Recent additions to the PolySwitch surface-mount series
include
24V
miniSMD
4532mm
(1812
mils),
60V
decaSMD 5050mm (2018 mils), and 2.0A microSMD
3225mm (1210 mils) devices.
PolySwitch Resettable Devices
Surface-mount Devices


Número de pieza similar - SMD150F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
SMD150F MACOM-SMD150F Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
SMD150F MACOM-SMD150F Datasheet
37Kb / 1P
   PolySwitch짰PTC Devices
SMD150F MACOM-SMD150F Datasheet
299Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
SMD150F MACOM-SMD150F Datasheet
33Kb / 1P
   PolySwitch짰PTC Devices Overcurrent Protection Device
logo
Littelfuse
SMD150F LITTELFUSE-SMD150F Datasheet
328Kb / 2P
   PolySwitch PTC Devices
More results

Descripción similar - SMD150F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
SMD150F MACOM-SMD150F_1 Datasheet
299Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
logo
List of Unclassifed Man...
SMD300 ETC2-SMD300 Datasheet
20Kb / 1P
   PolySwitch Surface-mount Resettable Devices
logo
Tyco Electronics
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com