Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SI591 Datasheet(PDF) 6 Page - Silicon Laboratories |
|
SI591 Datasheet(HTML) 6 Page - Silicon Laboratories |
6 / 12 page Si590/591 6 Preliminary Rev. 0.25 3. Ordering Information The Si590/591 XO supports a variety of options including frequency, temperature stability, output format, and VDD. Specific device configurations are programmed into the Si590/591 at time of shipment. Configurations can be specified using the Part Number Configuration chart below. Silicon Laboratories provides a web browser-based part number configuration utility to simplify this process. Refer to www.silabs.com/VCXOPartNumber to access this tool and for further ordering instructions. The Si590 and Si591 XO series are supplied in an industry-standard, RoHS compliant, 6-pad, 5 x 7 mm package. The Si591 Series supports an alternate OE pinout (pin #1) for LVPECL, LVDS, and CML output formats. See Tables 8 and 9 for the pinout differences between the Si590 and Si591 series. Figure 1. Part Number Convention 59x X XXXMXXX X 1 st Option Code VDD Output Format Output Enable Polarity A 3.3 LVPECL High B 3.3 LVDS High C 3.3 CMOS High D3.3 CML High E 2.5 LVPECL High F 2.5 LVDS High G 2.5 CMOS High H2.5 CML High J 1.8 CMOS High K1.8 CML High M 3.3 LVPECL Low N3.3 LVDS Low P3.3 CMOS Low Q3.3 CML Low R 2.5 LVPECL Low S2.5 LVDS Low T2.5 CMOS Low U2.5 CML Low V1.8 CMOS Low W1.8 CML Low Note: CMOS available to 160 MHz. D G R Frequency (e.g., 148M352 is 148.352 MHz) Available frequency range is 10 to 525 MHz. The position of “M” shifts to denote higher or lower frequencies. If the frequency of interest requires greater than 6 digit resolution, a six digit code will be assigned for the specific frequency. Tape & Reel Packaging Blank = Trays Operating Temp Range (°C) G –40 to +85°C Part Revision Letter 590 or 591 XO Product Family Example P/N: 590BB148M352DGR is a 5 x 7 XO in a 6 pad package. The frequency is 148.352 MHz, with a 3.3 V supply, LVDS output, and Output Enable active high polarity. Overall stability is specifed as ±50 ppm. The device is specified for –40 to +85 °C ambient temperature range operation and is shipped in tape and reel format. 2 nd Option Code Code Total Stablility (ppm, max, ±) Temperature Stablility (ppm, max, ±) A 100 50 B 50 25 C 30 20 |
Número de pieza similar - SI591 |
|
Descripción similar - SI591 |