Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

D02533-000 Datasheet(PDF) 10 Page - Tyco Electronics

No. de pieza D02533-000
Descripción Electrónicos  5mm Series Metal Oxide Varistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

D02533-000 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button D02533-000 Datasheet HTML 2Page - Tyco Electronics D02533-000 Datasheet HTML 3Page - Tyco Electronics D02533-000 Datasheet HTML 4Page - Tyco Electronics D02533-000 Datasheet HTML 5Page - Tyco Electronics D02533-000 Datasheet HTML 6Page - Tyco Electronics D02533-000 Datasheet HTML 7Page - Tyco Electronics D02533-000 Datasheet HTML 8Page - Tyco Electronics D02533-000 Datasheet HTML 9Page - Tyco Electronics D02533-000 Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ROV05, ROV05H
5mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.circuitprotection.com
Document: SCD 25480
Status: Released
Rev. C
May 18, 2005
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
10 of 10
© 2005 Tyco Electronics Corporation
Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of each product for their
applications. Tyco Electronics Corporation assumes no responsibility for the use of its product or for any infringement of patents or other rights of
third parties resulting from the use of its product. No license is granted by implication or otherwise under any patent or proprietary right of Tyco
Electronics except the right to use such product for the purpose for which it is sold. Tyco Electronics reserves the right to change or update, without
notice, any information contained in this publication; to change, without notice, the design, construction, processing, or specification of any product;
and to discontinue or limit production or distribution of any product. This publication supersedes and replaces all information previously supplied.
Without express written consent by an officer of Tyco Electronics, Tyco Electronics does not authorize the use of any its products as components in
nuclear facility applications, aerospace, or in critical life support devices or systems. Tyco Electronics’ only obligations are those in the Tyco
Electronics Standard Terms and Conditions of Sale and in no case will Tyco Electronics be liable for any incidental, indirect, or consequential
damages arising from the sale, resale, use, or misuse of its products.
Raychem
is a trademark of Tyco Electronics Corporation


Número de pieza similar - D02533-000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Japan Aviation Electron...
D02-22-22S-PKG100 JAE-D02-22-22S-PKG100 Datasheet
80Kb / 1P
   REDRAWN AND CHANGED TITLE
D02-22-26P-0001 JAE-D02-22-26P-0001 Datasheet
79Kb / 1P
   REDRAWN AND CHANGED TITLE
D02-22-26P-PKG100 JAE-D02-22-26P-PKG100 Datasheet
79Kb / 1P
   REDRAWN AND CHANGED TITLE
D02-22-26S-0001 JAE-D02-22-26S-0001 Datasheet
80Kb / 1P
   REDRAWN AND CHANGED TITLE
D02-22-26S-PKG100 JAE-D02-22-26S-PKG100 Datasheet
80Kb / 1P
   REDRAWN AND CHANGED TITLE
More results

Descripción similar - D02533-000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com