Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADD5203 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADD5203
Descripción Electrónicos  8-String,White LED Driver with SMBus and PWM Input for LCD Backlight Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADD5203 Datasheet(HTML) 4 Page - Analog Devices

  ADD5203 Datasheet HTML 1Page - Analog Devices ADD5203 Datasheet HTML 2Page - Analog Devices ADD5203 Datasheet HTML 3Page - Analog Devices ADD5203 Datasheet HTML 4Page - Analog Devices ADD5203 Datasheet HTML 5Page - Analog Devices ADD5203 Datasheet HTML 6Page - Analog Devices ADD5203 Datasheet HTML 7Page - Analog Devices ADD5203 Datasheet HTML 8Page - Analog Devices ADD5203 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADD5203
Rev. 0 | Page 4 of 24
SPECIFICATIONS
STEP-UP SWITCHING REGULATOR SPECIFICATIONS
VIN = 12 V, SHDN = high, TA = −25°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.
Table 1.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
SUPPLY
Input Voltage Range
VIN
6
21
V
BOOST OUTPUT
Output Voltage
VOUT
45
V
SWITCH
On Resistance
RDS(ON)
VIN = 12 V, ISW = 100 mA
150
210
Leakage Current
ILKG
44
70
μA
Peak Current Limit
ICL
Duty cycle (D) = DMAX
2.9
A
OSCILLATOR
Switching Frequency
fSW
RF = 150 kΩ
800
1000
1200
kHz
fSW
RF = 470 kΩ
350
kHz
Maximum Duty Cycle
DMAX
RF = 470 kΩ
85
92
%
SOFT START
Soft Start Time
tSS
1.5
ms
OVERVOLTAGE PROTECTION
Overvoltage Rising Threshold on OVP Pin
VOVPR
1.154
1.20
1.267
V
Overvoltage Falling Threshold on OVP Pin
VOVPF
1.050
1.12
1.188
V
LED CURRENT REGULATION SPECIFICATIONS
VIN = 12 V, SHDN = high, TA = −25°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.
Table 2.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
CURRENT SOURCE
ISET Pin Voltage
VSET
6 V ≤ VIN ≤ 21 V
1.16
1.2
1.24
V
Adjustable LED Current1
ILED
0
30
mA
Constant Current Sink of 20 mA2
ILED20
RSET = 141.56 kΩ
19.4
20
20.6
mA
Minimum Headroom Voltage2
VHR20
RSET = 141.56 kΩ
0.65
0.85
V
Current Matching Between Strings2
RSET = 141.56 kΩ
−1.5
+1.5
%
LED Current Accuracy2
RSET = 141.56 kΩ
−3
+3
%
Current Source Leakage Current
1
μA
FPWM GENERATOR
Dimming Frequency Range
6 V ≤ VIN ≤ 21 V
200
10,000
Hz
Dimming Frequency
fPWM
RFPWM = 50 kΩ, CFPWM = 150 pF
820
1000
1180
Hz
LED FAULT DETECTION
Open Fault Delay1
TD_OPENFAULT
6.5
μs
1 These electrical specifications are guaranteed by design.
2 Tested at TA = +25°C.


Número de pieza similar - ADD5203

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
ADD5205ACPZ-RL AD-ADD5205ACPZ-RL Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5207ACPZ AD-ADD5207ACPZ Datasheet
428Kb / 16P
   Four-String, White LED Driver for LCD Backlight Applications
REV. A
ADD5207ACPZ-RL AD-ADD5207ACPZ-RL Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
More results

Descripción similar - ADD5203

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX17061 MAXIM-MAX17061 Datasheet
424Kb / 26P
   8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 1/08
MAX17061A MAXIM-MAX17061A Datasheet
530Kb / 24P
   8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 2/09
logo
Analog Devices
ADD5211 AD-ADD5211 Datasheet
167Kb / 6P
   Four-String, White LED Driver for LCD Backlight Applications
Rev. PrA
ADD5207ACPZ AD-ADD5207ACPZ Datasheet
428Kb / 16P
   Four-String, White LED Driver for LCD Backlight Applications
REV. A
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
   8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Maxim Integrated Produc...
MAX8790A MAXIM-MAX8790A Datasheet
430Kb / 23P
   Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
Rev 0; 10/07
MAX8790 MAXIM-MAX8790 Datasheet
456Kb / 24P
   Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
Rev 0; 11/06
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
   WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
ATMEL Corporation
MSL3085BT ATMEL-MSL3085BT Datasheet
1Mb / 20P
   8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
logo
Monolithic Power System...
MP3388 MPS-MP3388 Datasheet
342Kb / 14P
   50V, 8-String White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com