Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LF10-WBR-20S Datasheet(PDF) 9 Page - Hirose Electric |
|
LF10-WBR-20S Datasheet(HTML) 9 Page - Hirose Electric |
9 / 11 page 9 LF Series ●Miniature Waterproof Shielded Connectors No. 2 1 3 Soldered joints Cable outer jacket Cable outer jacket 5 to 6mm Cable outer jacket Shielding mesh Wires Copper tape 3 Copper tape Copper tape Wires Copper tape Overlap of the copper tape Crimping of the Shielding Clamp Solder termination fixture Body / insulator assembly 2 1 1±0.5mm Cable outer jacket Ground clamp Shielding clamp Shielding mesh 5 4 Commercially available pliers 4 Overlap of the copper tape E Shielding clamp After completion of the soldering operations carefully remove (holding on the locking collar) the body/insulator assembly from the solder termination fixture. Wrap the folded over shielding mesh with 5 to 6 mm wide copper tape to assure that it will not become loose. Apply the copper tape so that the shielding mesh does not protrude from under it. Insert the “U” shaped shielding clamp over the copper tape as shown on the illustration. It is critical that the overlap of the copper tape is located inside the shielding clamp as shown on the illustration. Using commercially available pliers bend the open ends of the shielding clamp as illustrated, assuring that it stays in place. The dimension of E. between opposing edges of the shielding clamp is necessary to assure correct final crimp. Note Exercise caution not to damage or deform the solder joints. Note After wrapping the copper tape, the tape should overlap itself by 2 mm max. Illustration Operation Note When the end of the copper tape wrapping is positioned at the open side of the ground fitting, the end portion of the copper tape wrapping will no longer be covered by the ground fitting when the ground fitting is crimped. Table 5 Shell size E LF07 LF10 5mm max. 7mm max. LF13 The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. |
Número de pieza similar - LF10-WBR-20S |
|
Descripción similar - LF10-WBR-20S |