Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
0-273-141-043 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers |
|
0-273-141-043 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers |
25 / 55 page Data sheet BMA150 Triaxial, digital acceleration sensor Bosch Sensortec Rev. 1.5 Page 25 30 May 2008 © Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany. Note: Specifications within this document are subject to change without notice. 4. Digital interface BMA150 is capable to be adjusted to customer’s specific hardware requirements. It provides three different digital interfaces (SPI 4-wire, SPI 3-wire, I²C) and an interrupt output pin. The digital interface is used for regular reading of data registers (acceleration and temperature). For a complete read out of acceleration data two successive read cycles are required. The 10 bit coded data word is split into 8 MSB and 2 LSB. The most significant bit (MSB) is transferred first during address and data phases. The serial interface is also used for verifying status registers or writing to control registers or customized EEPROM programming. 4.1 SPI The SPI interfaces using three wire or four wire bus provide 16-bit protocols. Multiple read out is possible. The communication is opened with a read/write control bit (R/W=0 for writing, R/W=1 for reading) followed by 7 address bits and at least 8 data bits (see figure 6 and figure 7). For a complete readout of 10 bit acceleration data from all axes the sensor IC provides the option to use an automatic incremented read command to read more than one byte (multiple read). This is activated when the serial enable pin CSB (chip select) stays active low after the read out of a data register. Thus, read out of data LSB will also cause read out of MSB if the CSB stays low for further 8 cycles of system clock. The customer has the possibility to communicate with operational registers at addresses 00h- 15h via SPI interface (chip identification Bytes, data Bytes, status and control registers with setting parameters). Access to the residual part of the memory map is locked (section 3.3.3). If the master addresses outside the range 00h-15h then SDI will go to tri-state enabling the communication of a second device on the same CSB and SDI line. The CSB input has an internal 120k Ω pull-up resistor to VDDIO. 4.1.1 Four-wire SPI interface The 4-wire SPI is the default serial interface. The customer can easily activate the 3-wire SPI by writing a control bit (SPI4=0). The 4-wire SPI interface uses SCK (serial clock), CSB (chip select), SDI (serial data in) and SDO (serial data out). CSB is active low. Data on SDI is latched by BMA150 at SCK rising edge and SDO is changed at SCK falling edge (SPI mode 3). Communication starts when CSB goes to low and stops when CSB goes to high; during these transitions on CSB, SCK must be high. While CSB=1, no SDI change is allowed when SCK=1. |
Número de pieza similar - 0-273-141-043 |
|
Descripción similar - 0-273-141-043 |