Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM2861-5252 Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza SM2861-5252
Descripción Electrónicos  2-Phase Stepping motor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SM2861-5252 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SM2861-5252 Datasheet HTML 1Page - Sanyo Semicon Device SM2861-5252 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2-Phase Stepping motor
Specifications (For Bipolar drive)
Dimensions
Model
Single shaft
SM2861-5052
SM2861-5152
SM2861-5252
SM2862-5052
SM2862-5152
SM2862-5252
SM2863-5052
SM2863-5152
SM2863-5252
Double shaft
-5022
-5122
-5222
-5022
-5122
-5222
-5022
-5122
-5222
Holding torque at
2-phase energization
N-m (oz-in) MIN.
3.3(467.3)
3.3(467.3)
3.3(467.3)
6.4(906.3)
6.4(906.3)
6.4(906.3)
9 (1274.5)
9 (1274.5)
9 (1274.5)
Rated
current
A/phase
2
4
6
2
4
6
2
4
6
Winding
resistance
/phase
2.2
0.56
0.29
3.2
0.83
0.36
4
1
0.46
Winding
inductance
mH/phase
15
3.7
1.7
25
6.4
2.8
32
7.9
3.8
Rotor
inertia
x10
-4kg-m2 (oz-in2)
1.48 (8.09)
1.48 (8.09)
1.48 (8.09)
3 (16.4)
3 (16.4)
3 (16.4)
4.5 (24.6)
4.5 (24.6)
4.5 (24.6)
Mass
kg (lbs)
1.75 (3.92)
1.75 (3.92)
1.75 (3.92)
2.9 (6.5)
2.9 (6.5)
2.9 (6.5)
4(8.96)
4(8.96)
4(8.96)
High-Torque NEMA 34
1.8 Stepping Motor
New lineup
Single shaft type
Double shaft type
UL/CE Recognition
Class-F
IP40
Standard
UL1004
EN60034-1
EN60034-5
Model
Single shaft
Double shaft
Motor length
mm (inch)
SM2861-5052
-5022
66 (2.6)
SM2861-5152
-5122
66 (2.6)
SM2861-5252
-5222
66 (2.6)
SM2862-5052
-5022
96.5 (3.8)
SM2862-5152
-5122
96.5 (3.8)
SM2862-5252
-5222
96.5 (3.8)
SM2863-5052
-5022
127 (5)
SM2863-5152
-5122
127 (5)
SM2863-5252
-5222
127 (5)


Número de pieza similar - SM2861-5252

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sinopower Semiconductor...
SM2801PSQ SINOPWER-SM2801PSQ Datasheet
254Kb / 11P
   P-Channel Enhancement Mode MOSFET
SM2801PSQC-TRG SINOPWER-SM2801PSQC-TRG Datasheet
254Kb / 11P
   P-Channel Enhancement Mode MOSFET
SM2802DSQ SINOPWER-SM2802DSQ Datasheet
253Kb / 11P
   Dual N-Channel Enhancement Mode MOSFET
SM2802DSQC-TRG SINOPWER-SM2802DSQC-TRG Datasheet
253Kb / 11P
   Dual N-Channel Enhancement Mode MOSFET
logo
DB Unlimited.
SM280404-1 DBUNLIMITED-SM280404-1 Datasheet
724Kb / 1P
   Released from Engineering
More results

Descripción similar - SM2861-5252

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
SH1421-5041 SANYO-SH1421-5041 Datasheet
136Kb / 2P
   2-Phase Stepping Motor
SH1601-5240 SANYO-SH1601-5240 Datasheet
134Kb / 2P
   2-Phase Stepping Motor
103H3205-5040 SANYO-103H3205-5040 Datasheet
670Kb / 11P
   2-phase Stepping Motor
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com