Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8932B Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza TDA8932B
Descripción Electrónicos  Class-D audio amplifier
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8932B Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8932B Datasheet HTML 7Page - NXP Semiconductors TDA8932B Datasheet HTML 8Page - NXP Semiconductors TDA8932B Datasheet HTML 9Page - NXP Semiconductors TDA8932B Datasheet HTML 10Page - NXP Semiconductors TDA8932B Datasheet HTML 11Page - NXP Semiconductors TDA8932B Datasheet HTML 12Page - NXP Semiconductors TDA8932B Datasheet HTML 13Page - NXP Semiconductors TDA8932B Datasheet HTML 14Page - NXP Semiconductors TDA8932B Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
TDA8932B_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 18 December 2008
11 of 48
NXP Semiconductors
TDA8932B
Class-D audio amplifier
8.5 Diagnostic input and output
Whenever a protection other than TF is triggered, pin DIAG is forced LOW level (see
Table 6). An internal reference supply will pull-up the open-drain DIAG output to
approximately 2.4 V. This internal reference supply can deliver approximately 50
µA.
Pin DIAG refers to pin CGND. The diagnostic output signal during different short
conditions is illustrated in Figure 6. Using pin DIAG as input, a voltage < 0.8 V will put the
device into Fault mode.
8.6 Differential inputs
For a high common-mode rejection ratio and a maximum of flexibility in the application,
the audio inputs are fully differential. By connecting the inputs anti-parallel, the phase of
one of the two channels can be inverted, so that the amplifier can operate as a mono BTL
amplifier. The input configuration for a mono BTL application is illustrated in Figure 7.
In SE configuration it is also recommended to connect the two differential inputs in
anti-phase. This has advantages for the current handling of the power supply at low signal
frequencies and minimizes supply pumping (see also Section 14.8).
8.7 Output voltage buffers
When pin POWERUP is set HIGH, the half supply output voltage buffers are switched on
in asymmetrical supply configuration. The start-up will be pop free since the device starts
switching when the capacitor on pin HVPREF and the SE capacitors are completely
charged.
Output voltage buffers:
Fig 6.
Diagnostic output for different short-circuit conditions
001aad759
≈ 50 ms
shorted load
amplifier
restart
no restart
≈ 50 ms
0 V
2.4 V
Vo
short to
supply line
0 V
2.4 V
Vo
Fig 7.
Input configuration for mono BTL application
001aad760
IN1P
OUT1
audio
input
IN2P
IN2N
IN1N
OUT2


Número de pieza similar - TDA8932B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
More results

Descripción similar - TDA8932B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8933B NXP-TDA8933B Datasheet
244Kb / 42P
   Class D audio amplifier
Rev. 01-23 October 2008
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
   Class-D audio amplifier
Rev. 01-15 May 2007
logo
International Rectifier
IRAUDPS3 IRF-IRAUDPS3_15 Datasheet
1Mb / 20P
   Class-D Audio Amplifier
logo
NXP Semiconductors
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
   Class-D audio amplifier
Rev.02-12 December 2006
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
logo
Analog Devices
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com