Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8933T Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza TDA8933T
Descripción Electrónicos  Class-D audio amplifier
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8933T Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8933T Datasheet HTML 7Page - NXP Semiconductors TDA8933T Datasheet HTML 8Page - NXP Semiconductors TDA8933T Datasheet HTML 9Page - NXP Semiconductors TDA8933T Datasheet HTML 10Page - NXP Semiconductors TDA8933T Datasheet HTML 11Page - NXP Semiconductors TDA8933T Datasheet HTML 12Page - NXP Semiconductors TDA8933T Datasheet HTML 13Page - NXP Semiconductors TDA8933T Datasheet HTML 14Page - NXP Semiconductors TDA8933T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
TDA8933_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 May 2007
11 of 47
NXP Semiconductors
TDA8933
Class-D audio amplifier
If the supply voltage exceeds 36 V, the OVP circuit is activated and the power stages will
shut down. It is re-enabled as soon as the supply voltage drops below the threshold level.
The system is restarted again after 100 ms.
It should be noted that supply voltages > 40 V may damage the TDA8933. Two conditions
should be distinguished:
If the supply voltage is pumped to higher values by the TDA8933 application itself
(see also Section 14.8), the OVP is triggered and the TDA8933 is shut down. The
supply voltage will decrease and the TDA8933 is protected against any overstress.
If a supply voltage > 40 V is caused by other or external causes, the TDA8933 will
shut down, but the device can still be damaged since the supply voltage will remain
> 40 V in this case. The OVP protection is not a supply clamp.
An additional UBP circuit compares the positive analog supply voltage (VDDA) and the
negative analog supply voltage (VSSA) and is triggered if the voltage difference between
them exceeds a certain level. This level depends on the sum of both supply voltages. The
unbalance threshold levels can be defined as follows:
LOW-level threshold: VP(th)(ubp)l < 8/5 × VHVPREF
HIGH-level threshold: VP(th)(ubp)h > 8/3 × VHVPREF
In a symmetrical supply the UBP is released when the unbalance of the supply voltage is
within 6 % of its starting value.
Table 6 shows an overview of all protections and the effect on the output signal.
Table 6.
Overview of protections for the TDA8933
Protection
Restart
When fault is removed
Every 100 ms
OTP
no
yes
OCP
yes
no
WP
yes
no
UVP
no
yes
OVP
no
yes
UBP
no
yes


Número de pieza similar - TDA8933T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8933B NXP-TDA8933B Datasheet
244Kb / 42P
   Class D audio amplifier
Rev. 01-23 October 2008
TDA8933BTW NXP-TDA8933BTW Datasheet
244Kb / 42P
   Class D audio amplifier
Rev. 01-23 October 2008
More results

Descripción similar - TDA8933T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8933B NXP-TDA8933B Datasheet
244Kb / 42P
   Class D audio amplifier
Rev. 01-23 October 2008
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
logo
International Rectifier
IRAUDPS3 IRF-IRAUDPS3_15 Datasheet
1Mb / 20P
   Class-D Audio Amplifier
logo
NXP Semiconductors
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
   Class-D audio amplifier
Rev.02-12 December 2006
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
logo
Analog Devices
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com